Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 97 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 97 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 93Page - Winbond W83977EF-AW Datasheet HTML 94Page - Winbond W83977EF-AW Datasheet HTML 95Page - Winbond W83977EF-AW Datasheet HTML 96Page - Winbond W83977EF-AW Datasheet HTML 97Page - Winbond W83977EF-AW Datasheet HTML 98Page - Winbond W83977EF-AW Datasheet HTML 99Page - Winbond W83977EF-AW Datasheet HTML 100Page - Winbond W83977EF-AW Datasheet HTML 101Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 142 page
background image
W83977EF-AW/W83977EG-AW
Publication Release Date: Apr. 2006
-95-
Revision 1.2
12.4 Logical Device 2 (UART A)¢)
CR30 (Default 0x01 if PNPCSV# = 0 during POR, default 0x00 otherwise)
Bit 7 - 1: Reserved.
Bit 0:
= 1 Activates the logical device.
= 0 Logical device is inactive.
CR60, CR 61 (Default 0x03, 0xF8 if PNPCSV# = 0 during POR, default 0x00, 0x00 otherwise)
These two registers select Serial Port 1 I/O base address [0x100:0xFF8] on 8 byte boundary.
CR70 (Default 0x04 if PNPCSV# = 0 during POR, default 0x00 otherwise)
Bit 7 - 4: Reserved.
Bit 3 - 0: These bits select IRQ resource for Serial Port 1.
CRF0 (Default 0x00)
Bit 7 - 2: Reserved.
Bit 1 - 0: SUACLKB1, SUACLKB0
= 00 UART A clock source is 1.8462 Mhz (24MHz/13)
= 01 UART A clock source is 2 Mhz (24MHz/12)
= 10 UART A clock source is 24 Mhz (24MHz/1)
= 11 UART A clock source is 14.769 Mhz (24MHz/1.625)
12.5 Logical Device 3 (UART B)
CR30 (Default 0x01 if PNPCSV# = 0 during POR, default 0x00 otherwise)
Bit 7 - 1: Reserved.
Bit 0:
= 1 Activates the logical device.
= 0 Logical device is inactive.
CR60, CR 61 (Default 0x02, 0xF8 if PNPCSV# = 0 during POR, default 0x00, 0x00 otherwise)
These two registers select Serial Port 2 I/O base address [0x100:0xFF8] on 8 byte boundary.
CR70 (Default 0x03 if PNPCSV# = 0 during POR, default 0x00 otherwise)
Bit 7 - 4: Reserved.
Bit [3:0]: These bits select IRQ resource for Serial Port 2.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com