Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 95 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 95 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 91Page - Winbond W83977EF-AW Datasheet HTML 92Page - Winbond W83977EF-AW Datasheet HTML 93Page - Winbond W83977EF-AW Datasheet HTML 94Page - Winbond W83977EF-AW Datasheet HTML 95Page - Winbond W83977EF-AW Datasheet HTML 96Page - Winbond W83977EF-AW Datasheet HTML 97Page - Winbond W83977EF-AW Datasheet HTML 98Page - Winbond W83977EF-AW Datasheet HTML 99Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 142 page
background image
W83977EF-AW/W83977EG-AW
Publication Release Date: Apr. 2006
-93-
Revision 1.2
CRF5 (Default 0x00)
FDD1 Selection: Same as FDD0 of CRF4.
TABLE A
DRIVE RATE TABLE
SELECT
DATA RATE
SELECTED DATA RATE
SELDEN
DRTS1
DRTS0
DRATE1
DRATE0
MFM
FM
CRF0 BIT 0=0
1
1
1Meg
---
1
0
0
0
0
500K
250K
1
0
1
300K
150K
0
1
0
250K
125K
0
1
1
1Meg
---
1
0
1
0
0
500K
250K
1
0
1
500K
250K
0
1
0
250K
125K
0
1
1
1Meg
---
1
1
0
0
0
500K
250K
1
0
1
2Meg
---
0
1
0
250K
125K
0
Note:Refer to CRF2 for SELDEN value in the cases when CRF0, bit0=1.
TABLE B
DMOD0
DMOD1
DRVDEN0(PIN 2)
DRVDEN1(PIN 3)
DRIVE TYPE
0
0
SELDEN
DRATE0
4/2/1 MB 3.5”“
2/1 MB 5.25”
2/1.6/1 MB 3.5” (3-MODE)
0
1
DRATE1
DRATE0
1
0
SELDEN
DRATE0
1
1
DRATE0
DRATE1


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com