Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 84 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 84 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 80Page - Winbond W83977EF-AW Datasheet HTML 81Page - Winbond W83977EF-AW Datasheet HTML 82Page - Winbond W83977EF-AW Datasheet HTML 83Page - Winbond W83977EF-AW Datasheet HTML 84Page - Winbond W83977EF-AW Datasheet HTML 85Page - Winbond W83977EF-AW Datasheet HTML 86Page - Winbond W83977EF-AW Datasheet HTML 87Page - Winbond W83977EF-AW Datasheet HTML 88Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 142 page
background image
W83977EF-AW/W83977EG-AW
-82-
10.2.2 Configurate the configuration registers
The chip selects the logical device and activates the desired logical devices through Extended
Function Index Register(EFIR) and Extended Function Data Register(EFDR). EFIR is located at the
same address as EFER, and EFDR is located at address (EFIR+1).
First, write the Logical Device Number (i.e.,0x07) to the EFIR and then write the number of the desired
logical device to the EFDR. If accessing the Chip(Global) Control Registers, this step is not required.
Secondly, write the address of the desired configuration register within the logical device to the EFIR
and then write (or read) the desired configuration register through EFDR.
10.2.3 Exit the extended function mode
To exit the extended function mode, one write of 0xAA to EFER is required. Once the chip exits the
extended function mode, it is in the normal running mode and is ready to enter the configuration mode.
10.2.4 Software programming example
The following example is written in Intel 8086 assembly language. It assumes that the EFER is located
at 3F0h, so EFIR is located at 3F0h and EFDR is located at 3F1h. If HEFRAS (CR26 bit 6) is set,
3F0h can be directly replaced by 370h and 3F1h replaced by 371h.
;-----------------------------------------------------------------------------------
; Enter the extended function mode ,interruptible double-write |
;-----------------------------------------------------------------------------------
MOV
DX,3F0H
MOV
AL,87H
OUT
DX,AL
OUT
DX,AL
;-----------------------------------------------------------------------------
; Configurate logical device 1, configuration register CRF0 |
;-----------------------------------------------------------------------------
MOV
DX,3F0H
MOV
AL,07H
OUT
DX,AL
; point to Logical Device Number Reg.
MOV
DX,3F1H
MOV
AL,01H
OUT
DX,AL
; select logical device 1
;
MOV
DX,3F0H
MOV
AL,F0H
OUT
DX,AL
; select CRF0
MOV
DX,3F1H
MOV
AL,3CH
OUT
DX,AL
; update CRF0 with value 3CH
;------------------------------------------
; Exit extended function mode
|
;------------------------------------------
MOV
DX,3F0H
MOV
AL,AAH
OUT
DX,AL


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com