Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 83 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 83 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 79Page - Winbond W83977EF-AW Datasheet HTML 80Page - Winbond W83977EF-AW Datasheet HTML 81Page - Winbond W83977EF-AW Datasheet HTML 82Page - Winbond W83977EF-AW Datasheet HTML 83Page - Winbond W83977EF-AW Datasheet HTML 84Page - Winbond W83977EF-AW Datasheet HTML 85Page - Winbond W83977EF-AW Datasheet HTML 86Page - Winbond W83977EF-AW Datasheet HTML 87Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 142 page
background image
W83977EF-AW/W83977EG-AW
Publication Release Date: Apr. 2006
-81-
Revision 1.2
After Power-on reset, the value on RTSA (pin 43) is latched by HEFRAS of CR26. In Compatible PnP,
a specific value (87h) must be written twice to the Extended Functions Enable Register (I/O port
address 3F0h or 370h). Secondly, an index value (02h, 07h-FFh) must be written to the Extended
Functions Index Register (I/O port address 3F0h or 370h same as Extended Functions Enable
Register) to identify which configuration register is to be accessed. The designer can then access the
desired configuration register through the Extended Functions Data Register (I/O port address 3F1h
or 371h).
After programming of the configuration register is finished, an additional value (AAh) should be written
to EFERs to exit the Extended Function mode to prevent unintentional access to those configuration
registers. The designer can also set bit 5 of CR26 (LOCKREG) to high to protect the configuration
registers against accidental accesses.
The configuration registers can be reset to their default or hardware settings only by a cold reset (pin
MR = 1). A warm reset will not affect the configuration registers.
10.1.2 Extended Functions Enable Registers (EFERs)
After a power-on reset, W83977EF/EG enters the default operating mode. Before W83977EF/EG
enters the extended function mode, a specific value must be programmed into the Extended Function
Enable Register (EFER) so that the extended function register can be accessed. The Extended
Function Enable Registers are write-only registers. On a PC/AT system, their port addresses are 3F0h
or 370h (as described in previous section).
10.1.3 Extended
Function
Index
Registers
(EFIRs),
Extended
Function
Data
Registers(EFDRs)
After the extended function mode is entered, the Extended Function Index Register (EFIR) must be
loaded with an index value (02h, 07h-FEh) to access Configuration Register 0 (CR0), Configuration
Register 7 (CR07) to Configuration Register FE (CRFE), and so forth through the Extended Function
Data Register (EFDR). The EFIRs are write-only registers with port address 3F0h or 370h (as
described in section 8.1.1) on PC/AT systems; the EFDRs are read/write registers with port address
3F1h or 371h (as described in section 8.1.1) on PC/AT systems.
10.2 Configuration Sequence
To program W83977EF/EG configuration registers, the following configuration sequence must be
followed:
(1). Enter the extended function mode
(2). Configure the configuration registers
(3). Exit the extended function mode
10.2.1 Enter the extended function mode
To place the chip into the extended function mode, two successive wrtites of 0x87 must be applied to
Extended Function Enable Registers(EFERs, i.e. 3F0h or 370h).


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com