Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 82 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 82 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 78Page - Winbond W83977EF-AW Datasheet HTML 79Page - Winbond W83977EF-AW Datasheet HTML 80Page - Winbond W83977EF-AW Datasheet HTML 81Page - Winbond W83977EF-AW Datasheet HTML 82Page - Winbond W83977EF-AW Datasheet HTML 83Page - Winbond W83977EF-AW Datasheet HTML 84Page - Winbond W83977EF-AW Datasheet HTML 85Page - Winbond W83977EF-AW Datasheet HTML 86Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 142 page
background image
W83977EF-AW/W83977EG-AW
-80-
10. PLUG AND PLAY CONFIGURATION
W83977EF/EG uses Compatible PNP protocol to access configuration registers for setting up different
types of configurations. In W83977EF/EG, there are nine Logical Devices (from Logical Device 0 to
Logical Device A with the exception of logical device 4 and 6 for compatibility) which correspond to
nine individual functions: FDC (logical device 0), PRT (logical device 1), UART1 (logical device 2),
UART2 (logical device 3), KBC (logical device 5), GPIO1 (logical device 7), GPIO2 (logical device 8),
and ACPI ((logical device A). Each Logical Device has its own configuration registers (above CR30).
Host can access those registers by writing an appropriate logical device number into logical device
select register at CR7.
10.1 Compatible PnP
10.1.1 Extended Function Registers
In Compatible PnP, there are two ways to enter Extended Function and read or write the configuration
registers. HEFRAS (CR26 bit 6) can be used to select one out of these two methods of entering the
Extended Function mode as follows:
HEFRAS
ADDRESS AND VALUE
0
write 87h to the location 3F0h twice
1
write 87h to the location 370h twice


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com