Electronic Components Datasheet Search |
|
W83977EF-AW Datasheet(PDF) 81 Page - Winbond |
|
|
W83977EF-AW Datasheet(HTML) 81 Page - Winbond |
81 / 142 page W83977EF-AW/W83977EG-AW Publication Release Date: Apr. 2006 -79- Revision 1.2 9.2.3 Power LED The Power LED function provides 1~1/8 Hertz rate toggle pulse output with 50 percent duty cycle. Table 7.2.2 shows how to enable Power LED. Table 9.2.2 WDT_CTRL1 BIT[1] WDT_CTRL0 BIT[3] WDT_CTRL1 BIT[0] POWER LED STATE 1 X X Toggle pulse 0 0 X Continuous high or low * 0 1 0 Continuous high or low * 0 1 1 Toggle pulse * Note: Continuous high or low depends on the polarity bit of GP13 or GP17 configuration registers. 9.2.4 General Purpose Address Decoder General Purpose Address Decoder provides two address decode as AEN equal to logic 0. The address base is stored at CR62, CR63, CR64, and CR65 of logical device 7 for GP14 and GP15. The decoding range can be programmed to 1~8 byte boundary. The decoding output is normally active low. Users can alter its polarity through the polarity bit of the GP14 and GP15 configuration register. |
Similar Part No. - W83977EF-AW |
|
Similar Description - W83977EF-AW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |