Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 80 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 80 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 76Page - Winbond W83977EF-AW Datasheet HTML 77Page - Winbond W83977EF-AW Datasheet HTML 78Page - Winbond W83977EF-AW Datasheet HTML 79Page - Winbond W83977EF-AW Datasheet HTML 80Page - Winbond W83977EF-AW Datasheet HTML 81Page - Winbond W83977EF-AW Datasheet HTML 82Page - Winbond W83977EF-AW Datasheet HTML 83Page - Winbond W83977EF-AW Datasheet HTML 84Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 142 page
background image
W83977EF-AW/W83977EG-AW
-78-
9.2 Alternate I/O Functions
W83977EF/EG provides several alternate functions which are scattered among the GP I/O ports.
Table 9.2.1 shows their assignments. Polarity bit can also be set to alter their polarity.
Table 9.2.1
GP I/O PORT
ALTERNATE FUNCTION
GP10
Interrupt Steering
GP11
Interrupt Steering
GP12
Watch Dog Timer Output/IRRX input
GP13
Power LED output/IRTX output
GP14
General Purpose Address Decoder/Keyboard Inhibit(P17)
GP15
General Purpose Write Strobe/ 8042 P12
GP16
Watch Dog Timer Output
GP17
Power LED output
GP20
Keyboard Reset (8042 P20)
GP21
8042 P13
GP22
8042 P14
GP23
8042 P15
GP24
8042 P16
GP25
GATE A20 (8042 P21)
9.2.1
Interrupt Steering
GP10, and GP11can be programmed to map their own interrupt channels. The selection of IRQ
channel can be done in configuration registers CR70 and CR72 of logical device 7 and logical device
9. Each interrupt channel also has its own 1 ms debounce filter that is used to reject any noise whose
width is equal to or less than 1 ms.
9.2.2
Watch Dog Timer Output
Watch Dog Timer contains a one second/minute resolution down counter, CRF2 of Logical Device 8,
and two watch Dog control registers, WDT_CTRL0 and WDT_CTRL1 of Logical Device 8. The down
counter can be programmed within the range from 1 to 255 seconds/minutes. Writing any new non-
zero value to CRF2 or reset signal coming from a Mouse interrupt or Keyboard interrupt (CRF2 also
contains non-zero value) will cause the Watch Dog Timer to reload and start to count down from the
new value. As the counter reaches zero, (1) Watch Dog Timer time-out occurs and the bit 0 of
WDT_CTRL1 will be set to logic 1; (2) Watch Dog interrupt output is asserted if the interrupt is enable
in CR72 of logical device 8; and (3) Power LED starts to toggle output if the bit 3 of WDT_CTRL0 is
enabled. WDT_CTRL1 also can be accessed through GP2 I/O base address + 1.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com