Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 78 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 78 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 74Page - Winbond W83977EF-AW Datasheet HTML 75Page - Winbond W83977EF-AW Datasheet HTML 76Page - Winbond W83977EF-AW Datasheet HTML 77Page - Winbond W83977EF-AW Datasheet HTML 78Page - Winbond W83977EF-AW Datasheet HTML 79Page - Winbond W83977EF-AW Datasheet HTML 80Page - Winbond W83977EF-AW Datasheet HTML 81Page - Winbond W83977EF-AW Datasheet HTML 82Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 142 page
background image
W83977EF-AW/W83977EG-AW
-76-
9.1 Basic I/O functions
The Basic I/O functions of W83977EF/EG provide several I/O operations including driving a logic
value to output port, latching a logic value from input port, inverting the input/output logic value, and
steering Common Interrupt (only available in the second group of the GP I/O port). Common Interrupt
is the ORed function of all interrupt channels in the second group of the GP I/O ports, and it also
connects to a 1ms debounce filter which can reject a noise of 1 ms pulse width or less. There are two
8-bit registers (GP1 and GP2) which are directly connected to those GP I/O ports. Each GP I/O port is
represented as a bit in one of three 8-bit registers. Only 6 bits of GP2 are implemented. Table 7.1.1
shows their combinations of Basic I/O functions, and Table 7.1.2 shows the register bit assignments of
GP1 and GP2.
Table 9.1.1
I/O BIT
0 = OUTPUT
1 = INPUT
ENABLE INT BIT
0 = DISABLE
1 = ENABLE
POLARITY BIT
0 = NON INVERT
1 = INVERT
BASIC I/O OPERATIONS
0
0
0
Basic non-inverting output
0
0
1
Basic inverting output
0
1
0
Non-inverted output bit value of GP2
drive to Common Interrupt
0
1
1
Inverted output bit value of GP2 drive
to Common Interrupt
1
0
0
Basic non-inverting input
1
0
1
Basic inverting input
1
1
0
Non-inverted input drive to Common
Interrupt
1
1
1
Inverted input drive to Common
Interrupt


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com