Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 73 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 73 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 69Page - Winbond W83977EF-AW Datasheet HTML 70Page - Winbond W83977EF-AW Datasheet HTML 71Page - Winbond W83977EF-AW Datasheet HTML 72Page - Winbond W83977EF-AW Datasheet HTML 73Page - Winbond W83977EF-AW Datasheet HTML 74Page - Winbond W83977EF-AW Datasheet HTML 75Page - Winbond W83977EF-AW Datasheet HTML 76Page - Winbond W83977EF-AW Datasheet HTML 77Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 142 page
background image
W83977EF-AW/W83977EG-AW
Publication Release Date: Apr. 2006
-71-
Revision 1.2
Continued.
COMMAND
FUNCTION
ABh
Interface Test
BIT
04
03
02
01
00
BIT DEFINITION
No Error Detected
Keyboard "Clock" line is stuck low
Keyboard "Clock" line is stuck high
Keyboard "Data" line is stuck low
Keyboard "Data" line is stuck high
ADh
Disable Keyboard Interface
AEh
Enable Keyboard Interface
C0h
Read Input Port(P1) and send data to the system
C1h
Continuously puts the lower four bits of Port1 into STATUS register
C2h
Continuously puts the upper four bits of Port1 into STATUS register
D0h
Send Port2 value to the system
D1h
Only set/reset GateA20 line based on the system data bit 1
D2h
Send data back to the system as if it came from Keyboard
D3h
Send data back to the system as if it came from Auxiliary Device
D4h
Output next received byte of data from system to Auxiliary Device
E0h
Reports the status of the test inputs
FXh
Pulse only RC(the reset line) low for 6
μS if Command byte is even
8.5 Hardware GATEA20/Keyboard Reset Control Logic
The KBC implements a hardware control logic to speed-up GATEA20 and KBRESET. This control
logic is controlled by LD5-CRF0 as follows:
8.5.1
KB Control Register (Logic Device 5, CR-F0)
BIT
7
6
5
4
3
2
1
0
NAME
KCLKS1
KCLKS0 Reserved Reserved Reserved
P92EN
HGA20
HKBRST
KCLKS1, KCLKS0
This 2 bits are for the KBC clock rate selection.
= 0 0
KBC clock input is 6 Mhz
= 0 1
KBC clock input is 8 Mhz
= 1 0
KBC clock input is 12 Mhz
= 1 1
KBC clock input is 16 Mhz
P92EN
(Port 92 Enable)
A "1" on this bit enables Port 92 to control GATEA20 and KBRESET.
A "0" on this bit disables Port 92 functions.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com