Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 72 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 72 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 68Page - Winbond W83977EF-AW Datasheet HTML 69Page - Winbond W83977EF-AW Datasheet HTML 70Page - Winbond W83977EF-AW Datasheet HTML 71Page - Winbond W83977EF-AW Datasheet HTML 72Page - Winbond W83977EF-AW Datasheet HTML 73Page - Winbond W83977EF-AW Datasheet HTML 74Page - Winbond W83977EF-AW Datasheet HTML 75Page - Winbond W83977EF-AW Datasheet HTML 76Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 142 page
background image
W83977EF-AW/W83977EG-AW
-70-
8.4 Commands
COMMAND
FUNCTION
20h
Read Command Byte of Keyboard Controller
60h
Write Command Byte of Keyboard Controller
BIT
1
2
3
4
5
6
7
0
BIT DEFINITION
Reserved
IBM Keyboard Translate Mode
Disable Auxiliary Device
Disable Keyboard
Reserve
System Flag
Enable Auxiliary Interrupt
Enable Keyboard Interrupt
A4h
Test Password
Returns 0Fah if Password is loaded
Returns 0F1h if Password is not loaded
A5h
Load Password
Load Password until a "0" is received from the system
A6h
Enable Password
Enable the checking of keystrokes for a match with the password
A7h
Disable Auxiliary Device Interface
A8h
Enable Auxiliary Device Interface
A9h
Interface Test
BIT
04
03
02
01
00
BIT DEFINITION
No Error Detected
Auxiliary Device "Clock" line is stuck low
Auxiliary Device "Clock" line is stuck high
Auxiliary Device "Data" line is stuck low
Auxiliary Device "Data" line is stuck low
AAh
Self-test
Returns 055h if self test succeeds


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com