Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 70 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 70 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 66Page - Winbond W83977EF-AW Datasheet HTML 67Page - Winbond W83977EF-AW Datasheet HTML 68Page - Winbond W83977EF-AW Datasheet HTML 69Page - Winbond W83977EF-AW Datasheet HTML 70Page - Winbond W83977EF-AW Datasheet HTML 71Page - Winbond W83977EF-AW Datasheet HTML 72Page - Winbond W83977EF-AW Datasheet HTML 73Page - Winbond W83977EF-AW Datasheet HTML 74Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 142 page
background image
W83977EF-AW/W83977EG-AW
-68-
8. KEYBOARD CONTROLLER
The KBC (8042 with licensed KB BIOS) circuit of W83977EF/EG is designed to provide the functions
needed to interface a CPU with a keyboard and/or a PS/2 mouse, and can be used with IBM®-
compatible personal computers or PS/2-based systems. The controller receives serial data from the
keyboard or PS/2 mouse, checks the parity of the data, and presents the data to the system as a byte
of data in its output buffer. Then, the controller will assert an interrupt to the system when data are
placed in its output buffer. The keyboard and PS/2 mouse are required to acknowledge all data
transmissions. No transmission should be sent to the keyboard or PS/2 mouse until an acknowledge
is received for the previous data byte.
8042
P24
P25
P21
P20
P27
P10
P26
T0
P23
T1
P22
P11
KIRQ
MIRQ
GATEA20
KBRST
P17
KINH
GP I/O PINS
P12~P16
KDAT
KCLK
MCLK
MDAT
Multiplex I/O PINS
Keyboard and Mouse Interface
8.1 Output Buffer
The output buffer is an 8-bit read-only register at I/O address 60H (Default, PnP programmable I/O
address LD5-CR60 and LD5-CR61). The keyboard controller uses the output buffer to send the scan
code received from the keyboard and data bytes required by commands to the system. The output
buffer can only be read when the output buffer full bit in the register is "1".
8.2 Input Buffer
The input buffer is an 8-bit write-only register at I/O address 60H or 64H (Default, PnP programmable
I/O address LD5-CR60, LD5-CR61, LD5-CR62, and LD5-CR63). Writing to address 60H sets a flag
to indicate a data write; writing to address 64H sets a flag to indicate a command write. Data written to
I/O address 60H is sent to keyboard (unless the keyboard controller is expecting a data byte) through
the controller's input buffer only if the input buffer full bit in the status register is “0”.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com