Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 65 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 65 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 61Page - Winbond W83977EF-AW Datasheet HTML 62Page - Winbond W83977EF-AW Datasheet HTML 63Page - Winbond W83977EF-AW Datasheet HTML 64Page - Winbond W83977EF-AW Datasheet HTML 65Page - Winbond W83977EF-AW Datasheet HTML 66Page - Winbond W83977EF-AW Datasheet HTML 67Page - Winbond W83977EF-AW Datasheet HTML 68Page - Winbond W83977EF-AW Datasheet HTML 69Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 142 page
background image
W83977EF-AW/W83977EG-AW
Publication Release Date: Apr. 2006
-63-
Revision 1.2
Bit 5-3: Reflect the IRQ resource assigned for ECP port.
cnfgB[5:3]
IRQ resource
000
reflect other IRQ resources selected by PnP register (default)
001
IRQ7
010
IRQ9
011
IRQ10
100
IRQ11
101
IRQ14
110
IRQ15
111
IRQ5
Bit 2-0: These five bits are at high level during a read and can be written
.
7.3.10 ECR (Extended Control Register) Mode = all
This register controls the extended ECP parallel port functions. The bit definitions are follows:
7
6
5
4
3
2
1
0
empty
full
service Intr
dmaEn
nErrIntrEn
MODE
MODE
MODE
Bit 7-5: These bits are read/write and select the mode.
000
Standard Parallel Port mode. The FIFO is reset in this mode.
001
PS/2 Parallel Port mode. This is the same as 000 except that direction may be used
to tri-state the data lines and reading the data register returns the value on the data
lines and not the value in the data register.
010
Parallel Port FIFO mode. This is the same as 000 except that bytes are written or
DMAed to the FIFO. FIFO data are automatically transmitted using the standard
parallel port protocol. This mode is useful only when direction is 0.
011
ECP Parallel Port Mode. When the direction is 0 (forward direction), bytes placed
into the ecpDFifo and bytes written to the ecpAFifo are placed in a single FIFO and
auto transmitted to the peripheral using ECP Protocol. When the direction is 1
(reverse direction), bytes are moved from the ECP parallel port and packed into
bytes in the ecpDFifo.
100
Selects EPP Mode. In this mode, EPP is activated if the EPP mode is selected.
101
Reserved.
110
Test Mode. The FIFO may be written and read in this mode, but the data will not be
transmitted on the parallel port.
111
Configuration Mode. The confgA and confgB registers are accessible at 0x400 and
0x401 in this mode.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com