Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 61 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 61 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 57Page - Winbond W83977EF-AW Datasheet HTML 58Page - Winbond W83977EF-AW Datasheet HTML 59Page - Winbond W83977EF-AW Datasheet HTML 60Page - Winbond W83977EF-AW Datasheet HTML 61Page - Winbond W83977EF-AW Datasheet HTML 62Page - Winbond W83977EF-AW Datasheet HTML 63Page - Winbond W83977EF-AW Datasheet HTML 64Page - Winbond W83977EF-AW Datasheet HTML 65Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 142 page
background image
W83977EF-AW/W83977EG-AW
Publication Release Date: Apr. 2006
-59-
Revision 1.2
7.3 Extended Capabilities Parallel (ECP) Port
This port is software and hardware compatible with existing parallel ports, so it may be used as a
standard printer mode if ECP is not required. It provides an automatic high burst-bandwidth channel
that supports DMA for ECP in both the forward (host to peripheral) and reverse (peripheral to host)
directions.
Small FIFOs are used in both forward and reverse directions to improve the maximum bandwidth
requirement. The size of the FIFO is 16 bytes. The ECP port supports an automatic handshake for the
standard parallel port to improve compatibility mode transfer speed.
The ECP port supports run-length-encoded (RLE) decompression (required) in hardware.
Compression is accomplished by counting identical bytes and transmitting an RLE byte that indicates
how many times the next byte is to be repeated. Hardware support for compression is optional.
For more information about the ECP Protocol, refer to the Extended Capabilities Port Protocol and ISA
Interface Standard.
7.3.1
ECP Register and Mode Definitions
NAME
ADDRESS
I/O
ECP MODES
FUNCTION
data
Base+000h
R/W
000-001
Data Register
ecpAFifo
Base+000h
R/W
011
ECP FIFO (Address)
dsr
Base+001h
R
All
Status Register
dcr
Base+002h
R/W
All
Control Register
cFifo
Base+400h
R/W
010
Parallel Port Data FIFO
ecpDFifo
Base+400h
R/W
011
ECP FIFO (DATA)
tFifo
Base+400h
R/W
110
Test FIFO
cnfgA
Base+400h
R
111
Configuration Register A
cnfgB
Base+401h
R/W
111
Configuration Register B
ecr
Base+402h
R/W
All
Extended Control Register
Note
: The base addresses are specified by CR60 and 61, which are determined by configuration register or hardware setting.
MODE
DESCRIPTION
000
SPP mode
001
PS/2 Parallel Port mode
010
Parallel Port Data FIFO mode
011
ECP Parallel Port mode
100
EPP mode (If this option is enabled in the CRF0 to select ECP/EPP mode)
101
Reserved
110
Test mode
111
Configuration mode
Note
: The mode selection bits are bit 7-5 of the Extended Control Register.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com