Electronic Components Datasheet Search |
|
W83977EF-AW Datasheet(PDF) 60 Page - Winbond |
|
W83977EF-AW Datasheet(HTML) 60 Page - Winbond |
60 / 142 page W83977EF-AW/W83977EG-AW -58- 7.2.7 EPP Pin Descriptions EPP NAME TYPE EPP DESCRIPTION nWrite O Denotes an address or data read or write operation. PD<0:7> I/O Bi-directional EPP address and data bus. Intr I Used by peripheral device to interrupt the host. nWait I Inactive to acknowledge that data transfer is completed. Active to indicate that the device is ready for the next transfer. PE I Paper end; same as SPP mode. Select I Printer selected status; same as SPP mode. nDStrb O This signal is active low. It denotes a data read or write operation. nError I Error; same as SPP mode. nInits O This signal is active low. When it is active, the EPP device is reset to its initial operating mode. nAStrb O This signal is active low. It denotes an address read or write operation. 7.2.8 EPP Operation When the EPP mode is selected in the configuration register, the standard and bi-directional modes are also available. The PDx bus is in the standard or bi-directional mode when no EPP read, write, or address cycle is currently being executed. In this condition all output signals are set by the SPP Control Port and the direction is controlled by DIR of the Control Port. A watchdog timer is required to prevent system lockup. The timer indicates that more than 10 μS have elapsed from the start of the EPP cycle to the time WAIT# is deasserted. The current EPP cycle is aborted when a time-out occurs. The time-out condition is indicated in Status bit 0. 7.2.8.1. EPP Operation The EPP operates on a two-phase cycle. First, the host selects the register within the device for subsequent operations. Second, the host performs a series of read and/or write byte operations to the selected register. Four operations are supported on the EPP: Address Write, Data Write, Address Read, and Data Read. All operations on the EPP device are performed asynchronously. 7.2.8.2. EPP Version 1.9 Operation The EPP read/write operation can be completed under the following conditions: a. If the nWait is active low, when the read cycle (nWrite inactive high, nDStrb/nAStrb active low) or write cycle (nWrite active low, nDStrb/nAStrb active low) starts, the read/write cycle proceeds normally and will be completed when nWait goes inactive high. b. If nWait is inactive high, the read/write cycle will not start. It must wait until nWait changes to active low, at which time it will start as described above. 7.2.8.3. EPP Version 1.7 Operation The EPP read/write cycle can start without checking whether nWait is active or inactive. Once the read/write cycle starts, however, it will not terminate until nWait changes from active low to inactive high. |
Similar Part No. - W83977EF-AW |
|
Similar Description - W83977EF-AW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |