Electronic Components Datasheet Search |
|
W83977EF-AW Datasheet(PDF) 57 Page - Winbond |
|
W83977EF-AW Datasheet(HTML) 57 Page - Winbond |
57 / 142 page W83977EF-AW/W83977EG-AW Publication Release Date: Apr. 2006 -55- Revision 1.2 7.2.1 Data Swapper The system microprocessor can read the contents of the printer's data latch by reading the data swapper. 7.2.2 Printer Status Buffer The system microprocessor can read the printer status by reading the address of the printer status buffer. The bit definitions are as follows: 1 11 2 3 54 6 70 TMOUT ERROR# SLCT PE BUSY# ACK# Bit 7: This signal is active during data entry, when the printer is off-line during printing, when the print head is changing position, or during an error state. When this signal is active, the printer is busy and cannot accept data. Bit 6: This bit represents the current state of the printer's ACK# signal. A 0 means the printer has received a character and is ready to accept another. Normally, this signal will be active for approximately 5 microseconds before BUSY# stops. Bit 5: Logical 1 means the printer has detected the end of paper. Bit 4: Logical 1 means the printer is selected. Bit 3: Logical 0 means the printer has encountered an error condition. Bit 1, 2: These two bits are not implemented and are logic one during a read of the status register. Bit 0: This bit is valid in EPP mode only. It indicates that a 10 μS time-out has occurred on the EPP bus. A logic 0 means that no time-out error has occurred; a logic 1 means that a time-out error has been detected. Writing a logic 1 to this bit will clear the time-out status bit; writing a logic 0 has no effect. |
Similar Part No. - W83977EF-AW |
|
Similar Description - W83977EF-AW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |