Electronic Components Datasheet Search |
|
W83977EF-AW Datasheet(PDF) 51 Page - Winbond |
|
W83977EF-AW Datasheet(HTML) 51 Page - Winbond |
51 / 142 page W83977EF-AW/W83977EG-AW Publication Release Date: Apr. 2006 -49- Revision 1.2 Bit 6: This bit is the opposite of the RI # input. This bit is equivalent to bit 2 of HCR in loopback mode. Bit 5: This bit is the opposite of the DSR# input. This bit is equivalent to bit 0 of HCR in loopback mode. Bit 4: This bit is the opposite of the CTS# input. This bit is equivalent to bit 1 of HCR in loopback mode. Bit 3: TDCD. This bit indicates that the DCD# pin has changed state after HSR was read by the CPU. Bit 2: FERI. This bit indicates that the RI # pin has changed from low to high state after HSR was read by the CPU. Bit 1: TDSR. This bit indicates that the DSR# pin has changed state after HSR was read by the CPU. Bit 0: TCTS. This bit indicates that the CTS# pin has changed state after HSR was read. 6.2.5 UART FIFO Control Register (UFR) (Write only) This register is used to control the FIFO functions of the UART. 1 2 3 4 5 6 70 FIFO enable Receiver FIFO reset Transmitter FIFO reset DMA mode select Reserved Reserved RX interrupt active level (LSB) RX interrupt active level (MSB) Bit 6, 7: These two bits are used to set the active level for the receiver FIFO interrupt. For example, if the interrupt active level is set as 4 bytes, once there are more than 4 data characters in the receiver FIFO, the interrupt will be activated to notify the CPU to read the data from the FIFO. TABLE 6-3 FIFO TRIGGER LEVEL BIT 7 BIT 6 RX FIFO INTERRUPT ACTIVE LEVEL (BYTES) 0 0 01 0 1 04 1 0 08 1 1 14 Bit 4, 5: Reserved Bit 3: When this bit is programmed to logic 1, the DMA mode will change from mode 0 to mode 1 if UFR bit 0 = 1. Bit 2: Setting this bit to a logical 1 resets the TX FIFO counter logic to initial state. This bit will clear to a logical 0 by itself after being set to a logical 1. Bit 1: Setting this bit to a logical 1 resets the RX FIFO counter logic to initial state. This bit will clear to a logical 0 by itself after being set to a logical 1. |
Similar Part No. - W83977EF-AW |
|
Similar Description - W83977EF-AW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |