Electronic Components Datasheet Search |
|
W83977EF-AW Datasheet(PDF) 41 Page - Winbond |
|
W83977EF-AW Datasheet(HTML) 41 Page - Winbond |
41 / 142 page W83977EF-AW/W83977EG-AW Publication Release Date: Apr. 2006 -39- Revision 1.2 DRATE1 DRATE0 (Bit 1, 0): These two bits select the data rate of the FDC and reduced write current control. 00 500 KB/S (MFM), 250 KB/S (FM), RWC#= 1 01 300 KB/S (MFM), 150 KB/S (FM), RWC#= 0 10 250 KB/S (MFM), 125 KB/S (FM), RWC#= 0 11 1 MB/S (MFM), Illegal (FM), RWC#= 1 The 2 MB/S data rate for Tape drive is only supported by setting 01 to DRATE1 and DRATE0 bits, as well as setting 10 to DRT1 and DRT0 bits which are two of the Configure Register CRF4 or CRF5 bits in logic device 0. Please refer to the function description of CRF4 or CRF5 and data rate table for individual data rates setting. 5.2.7 FIFO Register (R/W base address + 5) The Data Register consists of four status registers in a stack with only one register presented to the data bus at a time. This register stores data, commands, and parameters and provides diskette-drive status information. Data bytes are passed through the data register to program or obtain results after a command. In the W83977EF/EG, this register defaults to FIFO disabled mode after reset. The FIFO can change its value and enable its operation through the CONFIGURE command. Status Register 0 (ST0) 7-6 5 4 3 2 1-0 US1, US0 Drive Select: 00 Drive A selected 01 Drive B selected 10 Drive C selected 11 Drive D selected HD Head address: 1 Head selected 0 Head selected NR Not Ready: 1 Drive is not ready 0 Drive is ready EC Equipment Check: 1 When a fault signal is received from the FDD or the track 0 signal fails to occur after 77 step pulses 0 No error SE Seek end: 1 seek end 0 seek error IC Interrupt Code: 00 Normal termination of command 01 Abnormal termination of command 10 Invalid command issue 11 Abnormal termination because the ready signal from FDD changed state during command executio |
Similar Part No. - W83977EF-AW |
|
Similar Description - W83977EF-AW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |