Electronic Components Datasheet Search |
|
W83977EF-AW Datasheet(PDF) 39 Page - Winbond |
|
|
W83977EF-AW Datasheet(HTML) 39 Page - Winbond |
39 / 142 page W83977EF-AW/W83977EG-AW Publication Release Date: Apr. 2006 -37- Revision 1.2 Floppy Boot drive 1, 0 (Bit 3, 2): These two bits reflect the value of CR8 bit 1, 0. Tape Sel 1, Tape Sel 0 (Bit 1, 0): These two bits assign a logical drive number to the tape drive. Drive 0 is not available as a tape drive and is reserved as the floppy disk boot drive. TAPE SEL 1 TAPE SEL 0 DRIVE SELECTED 0 0 None 0 1 1 1 0 2 1 1 3 5.2.5 Main Status Register (MS Register) (Read base address + 4) The Main Status Register is used to control the flow of data between the microprocessor and the controller. The bit definitions for this register are as follows: FDD 0 Busy, (D0B = 1), FDD number 0 is in the SEEK mode. FDD 1 Busy, (D1B = 1), FDD number 1 is in the SEEK mode. FDC Busy, (CB). A read or write command is in the process when CB = HIGH. Non-DMA mode, the FDC is in the non-DMA mode, this bit is set only during the execution phase in non-DMA mode. Transition to LOW state indicates execution phase has ended. DATA INPUT/OUTPUT, (DIO). If DIO= HIGH then transfer is from Data Register to the processor. If DIO = LOW then transfer is from processor to Data Register. Request for Master (RQM). A high on this bit indicates Data Register is ready to send or receive data to or from the proce 7 6 5 4 32 1 0 FDD 2 Busy, (D2B = 1), FDD number 2 is in the SEEK mode. FDD 3 Busy, (D3B = 1), FDD number 3 is in the SEEK mode. 5.2.6 Data Rate Register (DR Register) (Write base address + 4) The Data Rate Register is used to set the transfer rate and write precompensation. The data rate of the FDC is programmed by the CC REGISTER for PC-AT and PS/2 Model 30 and PS/2 mode, and not by the DR REGISTER. The real data rate is determined by the most recent write to either of the DR REGISTER or CC REGISTER. 1 2 3 4 5 6 7 0 DRATE0 DRATE1 PRECOMP0 PRECOMP1 PRECOMP2 POWER DOWN S/W RESET 0 |
Similar Part No. - W83977EF-AW |
|
Similar Description - W83977EF-AW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |