Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-HD61 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HD61
Description  Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HD61 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HD61 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HD61 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0418EN
AV02-0339EN - April 19, 2007
DISCLAIMER: AVAGO’S PRODUCTS AND SOFTWARE ARE NOT SPECIFICALLY DESIGNED, MANUFACTURED
OR AUTHORIZED FOR SALE AS PARTS, COMPONENTS OR ASSEMBLIES FOR THE PLANNING, CONSTRUCTION,
MAINTENANCE OR DIRECT OPERATION OF A NUCLEAR FACILITY OR FOR USE IN MEDICAL DEVICES OR APPLI-
CATIONS. CUSTOMER IS SOLELY RESPONSIBLE, AND WAIVES ALL RIGHTS TO MAKE CLAIMS AGAINST AVAGO
OR ITS SUPPLIERS, FOR ALL LOSS, DAMAGE, EXPENSE OR LIABILITY IN CONNECTION WITH SUCH USE.


Similar Part No. - HLMP-HD61

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD55-NR0XX AVAGO-HLMP-HD55-NR0XX Datasheet
333Kb / 12P
Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HD57-NR0XX AVAGO-HLMP-HD57-NR0XX Datasheet
343Kb / 8P
5 mm Standard Oval Precision Optical Performance Red LED
More results

Similar Description - HLMP-HD61

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com