Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-HG63 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HG63
Description  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HG63 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HG63 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical / Optical Characteristics, TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
.8
.7
.7
.
3.
3.
.4
3.7
3.7
V
IF = 0 mA
Reverse Voltage
Red
Green & blue
VR
5
5
V
IR = 00 mA
IR = 0 mA
Dominant Wavelength []
Red
Green
Blue
60
50
460
66
55
470
630
540
480
IF = 0 mA
Peak Wavelength
Red
Green
Blue
lPEAK
634
56
464
nm
Peak of Wavelength of Spectral
Distribution at IF = 0 mA
Thermal Resistance
RqJ-PIN
40
°C/W
LED Junction-to pin
Luminous Efficacy []
Red
Green
Blue
hV
50
530
65
lm/W
Emitted Luminous Power/Emitted
Radiant Power
Luminous Flux
Red
Green
Blue
jV
700
3700
990
mlm
IF = 0 mA
Luminous Efficiency [3]
Red
Green
Blue
he
40
60
6
lm/W
Luminous Flux/Electrical Power
IF = 0 mA
Notes:
1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/hV where IV is the luminous intensity in candelas and hV is
the luminous efficacy in lumens/watt.
3. he = jV / IF x VF, where jV is the emitted luminous flux, IF is electrical forward current and VF is the forward voltage.


Similar Part No. - HLMP-HG63

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63-TX0DD AVAGO-HLMP-HG63-TX0DD Datasheet
211Kb / 11P
5mm Mini Oval and Standard Oval AlInGaP LEDs
More results

Similar Description - HLMP-HG63

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
Precision Optical Performance Red New 4mm Standard Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com