Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-HG63 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HG63
Description  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HG63 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HG63 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG63 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image

Device Selection Guide
Part Number
Color and Dominant Wavelength
ld (nm) Typ
Luminous Intensity Iv
(mcd) at 20 mA-Min
Luminous Intensity Iv
(mcd) at 20 mA-Max
HLMP-HG63-TX0xx
Red 66
800
990
HLMP-HM63-Y30xx
Green 55
990
5040
HLMP-HB63-QU0xx
Blue 470
460
50
Tolerance for each intensity limit is ± 15%.
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
Absolute Maximum Ratings, TA = 25°C
Parameter
Red
Blue and Green
Unit
DC Forward Current []
50
30
mA
Peak Forward Current
00 []
00 [3, 4]
mA
Power Dissipation
0

mW
Reverse Voltage
5 (IR = 00 μA)
5 (IR = 0 μA)
V
LED Junction Temperature
30
0
°C
Operating Temperature Range
-40 to +00
-40 to +85
°C
Storage Temperature Range
-40 to +0
-40 to +00
°C
Notes:
1. Derate linearly as shown in Figure 4 and Figure 8.
2. Duty Factor 30%, frequency 1kHz.
3. Duty Factor 10%, frequency 1KHz.
4. For long term performance with minimal light output degradation, drive current below 15mA is recommended for Blue LED.
Part Numbering System
HLMP- H x 63 – x x x x x
Packaging Option
ZZ: Flexi Ammopacks
Color Bin Selection
0: Open distribution
DD: Ammopack
Maximum Intensity Bin
Refer to Device Selection Guide
Minimum Intensity Bin
Refer to Device Selection Guide.
Color
B: Blue 470
G: Red 626
M: Green 525
Package
H: 5mm Standard Oval 40° x100°
Note: Please refer to AB 5337 for complete information about part numbering system.


Similar Part No. - HLMP-HG63

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63-TX0DD AVAGO-HLMP-HG63-TX0DD Datasheet
211Kb / 11P
5mm Mini Oval and Standard Oval AlInGaP LEDs
More results

Similar Description - HLMP-HG63

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com