Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867EPFV Datasheet(PDF) 31 Page - Fujitsu Component Limited.

Part # MB90867EPFV
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867EPFV Datasheet(HTML) 31 Page - Fujitsu Component Limited.

Back Button MB90867EPFV Datasheet HTML 27Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 28Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 29Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 30Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 31Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 32Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 33Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 34Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 35Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
MB90860E Series
31
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
0000A9H Time Base Timer Control Register
TBTC
W,R/W
Time Base Timer
1XX00100B
0000AAH Watch Timer Control Register
WTC
R,R/W
Watch Timer
1X001000B
0000ABH
Reserved
0000ACH DMA Enable L Register
DERL
R/W
DMA
00000000B
0000ADH DMA Enable H Register
DERH
R/W
00000000B
0000AEH
Flash Control Status Register
(Flash Devices only.
Otherwise reserved)
FMCS
R,R/W
Flash Memory
000X0000B
0000AFH
Reserved
0000B0H Interrupt Control Register 00
ICR00
W,R/W
Interrupt Control
00000111B
0000B1H Interrupt Control Register 01
ICR01
W,R/W
00000111B
0000B2H Interrupt Control Register 02
ICR02
W,R/W
00000111B
0000B3H Interrupt Control Register 03
ICR03
W,R/W
00000111B
0000B4H Interrupt Control Register 04
ICR04
W,R/W
00000111B
0000B5H Interrupt Control Register 05
ICR05
W,R/W
00000111B
0000B6H Interrupt Control Register 06
ICR06
W,R/W
00000111B
0000B7H Interrupt Control Register 07
ICR07
W,R/W
00000111B
0000B8H Interrupt Control Register 08
ICR08
W,R/W
00000111B
0000B9H Interrupt Control Register 09
ICR09
W,R/W
00000111B
0000BAH Interrupt Control Register 10
ICR10
W,R/W
00000111B
0000BBH Interrupt Control Register 11
ICR11
W,R/W
00000111B
0000BCH Interrupt Control Register 12
ICR12
W,R/W
00000111B
0000BDH Interrupt Control Register 13
ICR13
W,R/W
00000111B
0000BEH Interrupt Control Register 14
ICR14
W,R/W
00000111B
0000BFH Interrupt Control Register 15
ICR15
W,R/W
00000111B
0000C0H D/A Converter Data 0 Register
DAT0
R/W
D/A Converter
XXXXXXXXB
0000C1H D/A Converter Data 1 Register
DAT1
R/W
XXXXXXXXB
0000C2H D/A Control 0 Register
DACR0
R/W
XXXXXXX0B
0000C3H D/A Control 1 Register
DACR1
R/W
XXXXXXX0B
0000C4H,
0000C5H
Reserved
0000C6H External Interrupt Enable 0
ENIR0
R/W
External Interrupt 0
00000000B
0000C7H External Interrupt Source 0
EIRR0
R/W
XXXXXXXXB
0000C8H External Interrupt Level Setting 0
ELVR0
R/W
00000000B
0000C9H External Interrupt Level Setting 0
ELVR0
R/W
00000000B


Similar Part No. - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com