Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867EPFV Datasheet(PDF) 23 Page - Fujitsu Component Limited.

Part # MB90867EPFV
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867EPFV Datasheet(HTML) 23 Page - Fujitsu Component Limited.

Back Button MB90867EPFV Datasheet HTML 19Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 20Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 21Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 22Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 23Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 24Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 25Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 26Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 27Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
MB90860E Series
23
13. Stabilization of power supply voltage
A sudden change in the supply voltage may cause the device to malfunction even within the specified VCC supply
voltage operating range. Therefore, the VCC supply voltage should be stabilized.
For the reference, stabilize the supply voltage by setting the following value.
•VCC ripple variations (peak-to-peak value) at commercial frequencies (50 Hz/60 Hz) fall below 10
% of the
standard VCC supply voltage
• The coefficient of fluctuation does not exceed 0.1 V/ms at instantaneous power switching.
14. Initialization
In the device, there are internal registers which are initialized only by a power-on reset. To initialize these registers,
turn on the power again.
15. Port 0 to port 3 output during Power-on (External-bus mode)
As shown below, when power is turned on in External-Bus mode, in spite of reset input, there is a possibility that
output signal of Port 0 to Port 3 might be unstable.
16. Flash security Function
The security bit is located in the area of the flash memory.
If protection code 01H is written in the security bit, the flash memory is in the protected state by security.
Therefore please do not write 01H in this address if you do not use the security function.
Please refer to following table for the address of the security bit.
Flash memory size
Address for security bit
MB90F867E(S)
Embedded 1 Mbit Flash Memory
FE0001H
Port 0 to Port 3 outputs
might be unstable
Port 0 to Port 3 outputs = Hi-Z
Port 0 to Port 3
VCC
1/2VCC


Similar Part No. - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com