Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867EPFV Datasheet(PDF) 14 Page - Fujitsu Component Limited.

Part # MB90867EPFV
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867EPFV Datasheet(HTML) 14 Page - Fujitsu Component Limited.

Back Button MB90867EPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 13Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 14Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 15Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 16Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 17Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 18Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
MB90860E Series
14
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
62
60
P85
M
General purpose I/O pin.
SIN1
Serial data input pin for UART1
63
61
P86
F
General purpose I/O pin.
SOT1
Serial data output pin for UART1
64
62
P87
F
General purpose I/O pin.
SCK1
Clock I/O pin for UART1
65
63
VCC
Power (3.5 V to 5.5 V) input pins
66
64
VSS
GND pins
67 to 70
65 to 68
P90 to P93
F
General purpose I/O pin
PPG1, 3, 5, 7
Output pins for PPGs
71 to 74
69 to 72
P94 to P97
F
General purpose I/O pin
OUT0 to
OUT3
Waveform output pins for output compares 0 to 3. This function
is enabled when the OCU enables waveform output.
75
73
PA0
F
General purpose I/O pin.
INT8R
External interrupt request input pin (sub)
76
74
PA1
F
General purpose I/O pin.
77 to 84
75 to 82
P00 to P07
G
General purpose I/O pins. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD00 to AD07
I/O pins for 8 lower bits of the external address/data bus.
This function is enabled when the external bus is enabled.
INT8 to INT15
External interrupt request input pins.
85
83
P10
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD08
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
TIN1
Event input pin for the reload timer 1
86
84
P11
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD09
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
TOT1
Output pin for the reload timer 1


Similar Part No. - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com