Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867EPFV Datasheet(PDF) 63 Page - Fujitsu Component Limited.

Part # MB90867EPFV
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867EPFV Datasheet(HTML) 63 Page - Fujitsu Component Limited.

Back Button MB90867EPFV Datasheet HTML 59Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 60Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 61Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 62Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 63Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 64Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 65Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 66Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 67Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 63 / 67 page
background image
MB90860E Series
63
• I/O characteristics
(VCC
−VOH) − IOH
VOL
− IOL
TA
= +25 °C, VCC = 4.5 V
TA
= +25 °C, VCC = 4.5 V
Automotive VIN
− VCC
CMOS VIN
− VCC
TA
= +25 °C
UART-SIN pin, other than I2C pin
TA
= +25 °C
TTL VIN
− VCC
CMOS VIN
− VCC
TA
= +25 °C
UART-SIN pin, I2C pin
TA
= +25 °C
800
300
100
200
IOH (mA)
0
400
500
600
024
7
10
700
13
6
58
9
1000
300
100
200
IOL (mA)
0
400
500
600
900
700
800
024
7
10
13
6
58
9
5.0
1.5
0.5
1.0
VCC (V)
0.0
2.0
3.0
3.5
2.5
2.5
3.5
4.5
5.5
6.5
3.0
4.0
5.0
6.0
7.0
4.0
4.5
VIHA
VILA
5.0
2.5
1.5
2.0
VCC (V)
0.0
3.0
4.0
2.5
3.5
4.5
5.5
6.5
4.5
3.5
1.0
0.5
VIHS
VILS
3.0
4.0
5.0
6.0
7.0
2.5
0.8
0.3
0.5
VCC (V)
0.0
1.0
2.0
2.5
3.5
4.5
5.5
6.5
2.3
1.5
1.3
1.8
3.0
4.0
5.0
6.0
7.0
VIHT
VILT
5.0
2.5
0.5
1.0
VCC (V)
0.0
3.0
4.0
4.5
3.5
1.5
2.0
2.5
3.5
4.5
5.5
6.5
3.0
4.0
5.0
6.0
7.0
VIHS
VILS


Similar Part No. - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com