Electronic Components Datasheet Search |
|
MB90867EPFV Datasheet(PDF) 5 Page - Fujitsu Component Limited. |
|
|
MB90867EPFV Datasheet(HTML) 5 Page - Fujitsu Component Limited. |
5 / 67 page MB90860E Series 5 (Continued) *1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used. Please refer to the Emulator hardware manual about details. *2 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc. MB90867E(S) MB90F867E(S) MB90V340E-101/102 8/16-bit programmable pulse generator (8 channels) Supports 8-bit and 16-bit operation modes Sixteen 8-bit reload counters Sixteen 8-bit reload registers for L pulse width Sixteen 8-bit reload registers for H pulse width A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as 8-bit prescaler plus 8-bit reload counter Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128 µs@fosc = 4 MHz (fsys = Machine clock frequency, fosc = Oscillation clock frequency) CAN interface ⎯ 3 channels External interrupt (16 channels) Can be used rising edge, falling edge, starting up by H/L level input, external interrupt, expanded intelligent I/O services (EI2OS) and DMA D/A converter ⎯ 2 channels Up to 100 kHz sub clock for low power operation Devices without ‘S’-suffix Only for MB90V340E- 102 I/O ports Virtually all external pins can be used as general purpose I/O port All push-pull outputs Bit-wise settable as input/output or peripheral signal Settable in pin-wise of 8 as CMOS schmitt trigger/automotive inputs (default) TTL input level settable for external bus (32-pin only for external bus) Flash memory Supports automatic programming, Embedded AlgorithmTM*2 Write/Erase/Erase-Suspend/Resume commands A flag indicating completion of the algorithm Number of erase cycles : 10,000 times Data retention time : 20 years Boot block configuration Erase can be performed on each block Block protection with external programming voltage Flash Security Feature for protecting the content of the Flash ⎯ Part Number Parameter |
Similar Part No. - MB90867EPFV |
|
Similar Description - MB90867EPFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |