Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867EPFV Datasheet(PDF) 43 Page - Fujitsu Component Limited.

Part # MB90867EPFV
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867EPFV Datasheet(HTML) 43 Page - Fujitsu Component Limited.

Back Button MB90867EPFV Datasheet HTML 39Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 40Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 41Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 42Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 43Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 44Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 45Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 46Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 47Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
MB90860E Series
43
3.
DC Characteristics
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
(Continued)
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input H
voltage
(At VCC
=
5 V
± 10%)
VIHS
⎯⎯
0.8 VCC
VCC
+ 0.3
V
Port inputs if CMOS
hysteresis input levels
are selected (except
P12, P44, P45, P46,
P47, P50, P82, P83)
VIHA
⎯⎯
0.8 VCC
VCC
+ 0.3
V
Port inputs if
Automotive input levels
are selected
VIHT
⎯⎯
2.0
VCC
+ 0.3
V
Port inputs if TTL input
levels are selected
VIHS
⎯⎯
0.7 VCC
VCC
+ 0.3
V
P12, P50, P82, P85
inputs if CMOS input
levels are selected
VIHI
⎯⎯
0.7 VCC
VCC
+ 0.3
V
P44, P45, P46, P47 in-
puts if CMOS hysteresis
input levels are selected
VIHR
⎯⎯
0.8 VCC
VCC
+ 0.3
V
RST input pin (CMOS
hysteresis)
VIHM
⎯⎯
VCC
− 0.3
VCC
+ 0.3
V
MD input pin
Input L
voltage
(At VCC
=
5 V
± 10%)
VILS
⎯⎯
VSS
− 0.3
0.2 VCC
V
Port inputs if CMOS
hysteresis input levels
are selected (except
P12, P44, P45, P46,
P47, P50, P82, P83)
VILA
⎯⎯
VSS
− 0.3
0.5 VCC
V
Port inputs if
Automotive input levels
are selected
VILT
⎯⎯
VSS
− 0.3
0.8
V
Port inputs if TTL
input levels are selected
VILS
⎯⎯
VSS
− 0.3
0.3 VCC
V
P12, P50, P82, P85
inputs if CMOS input
levels are selected
VILI
⎯⎯
VSS
− 0.3
0.3 VCC
V
P44, P45, P46, P47 in-
puts if CMOS hysteresis
input levels are selected
VILR
⎯⎯
VSS
− 0.3
0.2 VCC
V
RST input pin (CMOS
hysteresis)
VILM
⎯⎯
VSS
− 0.3
VSS
+ 0.3
V
MD input pin
Output H
voltage
VOH
Normal
outputs
VCC
= 4.5 V,
IOH
= −4.0 mA
VCC
− 0.5
⎯⎯
V
Output H
voltage
VOHI
I2C current
outputs
VCC
= 4.5 V,
IOH
= −3.0 mA
VCC
− 0.5
⎯⎯
V
Output L
voltage
VOL
Normal
outputs
VCC
= 4.5 V,
IOL
= 4.0 mA
⎯⎯
0.4
V
Output L
voltage
VOLI
I2C current
outputs
VCC
= 4.5 V,
IOL
= 3.0 mA
⎯⎯
0.4
V


Similar Part No. - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com