Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867EPFV Datasheet(PDF) 36 Page - Fujitsu Component Limited.

Part # MB90867EPFV
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867EPFV Datasheet(HTML) 36 Page - Fujitsu Component Limited.

Back Button MB90867EPFV Datasheet HTML 32Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 33Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 34Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 35Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 36Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 37Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 38Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 39Page - Fujitsu Component Limited. MB90867EPFV Datasheet HTML 40Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
MB90860E Series
36
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
00797BH I2C Clock Control Register 0
ICCR0
R/W
I2C Interface 0
00011111B
00797CH
to
00797FH
Reserved
007980H I2C Bus Status Register 1
IBSR1
R
I2C Interface 1
00000000B
007981H I2C Bus Control Register 1
IBCR1
W,R/W
00000000B
007982H
I2C 10-bit Slave Address Register 1
ITBAL1
R/W
00000000B
007983H
ITBAH1
R/W
00000000B
007984H I2C 10-bit Slave Address Mask
Register 1
ITMKL1
R/W
11111111B
007985H
ITMKH1
R/W
00111111B
007986H I2C 7-bit Slave Address Register 1
ISBA1
R/W
00000000B
007987H I2C 7-bit Slave Address Mask Register 1
ISMK1
R/W
01111111B
007988H I2C Data Register 1
IDAR1
R/W
00000000B
007989H,
00798AH
Reserved
00798BH I2C Clock Control Register 1
ICCR1
R/W
I2C Interface 1
00011111B
00798CH
to
0079C1H
Reserved
0079C2H
Clock modulator control register
(setting prohibited)
CMCR
R, R/W
Clock modulator
(using prohibited)
0001X000B
0079C3H
to
0079DFH
Reserved
0079E0H Detect Address Setting 0
PADR0
R/W
Address Match
Detection 0
XXXXXXXXB
0079E1H Detect Address Setting 0
PADR0
R/W
XXXXXXXXB
0079E2H Detect Address Setting 0
PADR0
R/W
XXXXXXXXB
0079E3H Detect Address Setting 1
PADR1
R/W
XXXXXXXXB
0079E4H Detect Address Setting 1
PADR1
R/W
XXXXXXXXB
0079E5H Detect Address Setting 1
PADR1
R/W
XXXXXXXXB
0079E6H Detect Address Setting 2
PADR2
R/W
XXXXXXXXB
0079E7H Detect Address Setting 2
PADR2
R/W
XXXXXXXXB
0079E8H Detect Address Setting 2
PADR2
R/W
XXXXXXXXB
0079E9H
to
0079EFH
Reserved


Similar Part No. - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90867EPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com