Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4405P Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4405P
Description  Single P-Channel 1.8V Specified MicroSURF?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4405P Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4405P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4405P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4405P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TS4405P - Single P-Channel 1.8V Specified MicroSURF™
General Description
Taiwan Semiconductor’s new low cost,
state of the art MicroSURF™ lateral
MOSFET process technology in chipscale
bondwireless packaging minimizes PCB
space and RDS(ON) plus provides an ultra-
low Qg X RDS(ON) figure of merit.
Absolute Maximum Ratings
TA=25°C unless otherwise noted
Symbol Parameter
Ratings
Units
VDSS
Drain-Source Voltage
-12
V
VGSS
Gate-Source Voltage
+8V
ID
Drain Current
– Continuous
-4.9
A
– Pulsed
-10
PD
Power Dissipation (Steady State)
1.5
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
ºC
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
85
°C/W
RθJR
Thermal Resistance, Junction-to-Ball
20
RθJC
Thermal Resistance, Junction-to-Case
1.8
MicroSURF™ for Load Switching
and PA Switch
Patent Pending
Features
• -4.9A, -12V RDS(ON) =50m
Ω at -4.5 Volts
• -4.4A, -12V RDS(ON) =70m
Ω at -2.5 Volts
• -4.0A, -12V
RDS(ON) = 90m
Ω at -1.8 Volts
• Low profile package: less than 0.8mm height
when mounted on PCB.
• Occupies only 1.21 mm2 of PCB area.
Less than 30% of the area of a SC-70.
• Excellent thermal characteristics.
• Lead free solder bumps available.
PRELIMINARY DATA SHEET
For information only
1
6/8/03 Rev0
Bump Side View
SS
G
D


Similar Part No. - TS4405P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TS441165 LITTELFUSE-TS441165 Datasheet
730Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
2016 Rev: 1-A-062216
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
   1.224V Open Collector Shunt Voltage Reference
TS4431AILT STMICROELECTRONICS-TS4431AILT Datasheet
162Kb / 8P
   1.224V Open Collector Shunt Voltage Reference
TS4431ILT STMICROELECTRONICS-TS4431ILT Datasheet
162Kb / 8P
   1.224V Open Collector Shunt Voltage Reference
TS4436 STMICROELECTRONICS-TS4436 Datasheet
96Kb / 8P
   Adjustable 0.6V Open Collector Shunt Voltage Reference
More results

Similar Description - TS4405P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS8405P TSC-TS8405P Datasheet
393Kb / 12P
   Single P-Channel 1.8V Specified MicroSURF?
TSM4405P TSC-TSM4405P Datasheet
183Kb / 6P
   Single P-Channel 1.8V Specified MicroSURF MOSFET
TSM8405P TSC-TSM8405P Datasheet
183Kb / 6P
   Single P-Channel 1.8V Specified MicroSURF MOSFET
TS12N20CS TSC-TS12N20CS Datasheet
519Kb / 2P
   Single N-Channel 4.5V Specified MicroSurf
logo
Fairchild Semiconductor
FDMA291P FAIRCHILD-FDMA291P_08 Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
FDMA291P FAIRCHILD-FDMA291P Datasheet
130Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench MOSFET
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com