Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 2Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 3Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 4Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 5Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 6Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 7Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 8Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 9Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
RV5C387A
6
Symbol
Item
Conditions
VDD
≥2.0V
VDD
≥2.5V
Unit
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
fSLC
SCL clock frequency
100
400
kHz
tLOW
SCL clock “L” time
4.7
1.3
µs
tHIGH
SCL clock “H” time
4.0
0.6
µs
tHD ; STA
Start condition hold time
4.0
0.6
µs
tSU ; STO
Stop condition setup time
4.0
0.6
µs
tSU ; STA
Start condition setup time
4.7
0.6
µs
tSU ; DAT
Data setup time
250
200
ns
tHD ; DAT
Data hold time
0
0
ns
tPL ; DAT
SDA “L” stable time after falling of SCL
2.0
0.9
µs
tPZ ; DAT
SDA off stable time after falling of SCL
2.0
0.9
µs
tR
Rising time of SCL and SDA (input)
1000
300
ns
tF
Falling time of SCL and SDA (input)
300
300
ns
tSP
Spike width that can be removed
50
50
ns
with input filter
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified : VSS=0V, Topt=–40 to +85˚C
I/O conditions: VIH=0.8
×VDD, VIL=0.2×VDD, VOL=0.2×VDD, CL=50pF
SSr
P
SCL
SDA(IN)
SDA(OUT)
tLOW
tHD;STA
tHD;DAT
tPZ;DAT
tPL;DAT
tSU;STA
tSU;STO
tHIGH
tHD;STA
tSP
tSU;DAT
Sr
S Start condition
Stop condition
Repeated start condition
P
*) For read/write timing, see “USAGES, 1.5 Considerations in Reading and Writing Time Data”.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com