Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 46 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 46 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 41Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 42Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 43Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 44Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 45Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 46Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 47Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 48Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 49Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
RV5C387A
46
8. Typical Software-based Operations
8.1 Initialization at Power-on
Start
XSTP=1?
Power-on
NO
NO
YES
YES
Warning of Backup Battery
Run-down
Set Oscillation Adjustment Register
and Control Registers 1 and 2, etc.
VDET=0?
*
1
*
2
*
4
*
3
8.2 Writing of Time and Calendar Data
Stop condition
Start condition
Write to clock and
calendar counters
*
2
*
1
*
3
*1) After power-on from 0 volts, the start of oscillation and the process of internal initialization require a time span on the order of 1 to 2 seconds, so that
access should be done after the lapse of this time span or more.
*2) The XSTP bit setting of 0 in the control register 1 indicates power-on from backup battery and not from 0 volt. The XSTP bit may fail to be set to 1 in the
presence of any excessive chattering in power supply in such events as installing backup battery. Should there be any possibility of this failure occurring,
it is recommended to initialize the RV5C387A regardless of the current XSTP bit setting. For further details, see “3. Oscillation Halt Sensing and Supply
Voltage Monitoring”.
*3) This step is not required when the supply voltage monitoring circuit is not used.
*4) This step involves ordinary initialization including the oscillation adjustment register and interrupt cycle settings.
*1) When writing to clock and calendar counters, do not insert stop condition
until all times from second to year have been written to prevent error in
writing time. (Detailed in “1.2-6 Data transmission under special
condition”.
*2) Any writing to the second counter will reset divider units lower than the
second digits.
*3) Take care so that process from start condition to stop condition will be
complete within 0.5sec. (Detailed in “1.2-6 Data transmission under
special condition”.
The RV5C387A may also be initialized not at power-on but in the process
of writing time and calendar data.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com