Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 45 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 45 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 41Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 42Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 43Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 44Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 45Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 46Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 47Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 48Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 49Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
45
RV5C387A
7.5 Oscillation Frequency Deviation vs. External CG
External CG(pF)
05
–40
–30
–35
–20
–25
–10
–15
0
–5
10
5
10
15
20
(VDD=3V, Topt=25˚C,
External CG=0pF as standard)
7.6 Oscillation Frequency Deviation vs. Supply Voltage
Supply Voltage VDD(V)
01
2
3
–5
–3
–4
–1
–2
1
0
2
5
4
3
45
6
(Topt=25˚C, VDD=3V as standard)
7.7 Oscillation Frequency Deviation vs.
Operating Temperature
Temperature Topt(˚C)
–60 –40 –20
0
–140
–100
–120
–60
–80
–40
20
–20
0
20
40
60
80 100
(Topt=25˚C, VDD=3V as standard)
Supply Voltage VDD(V)
01
2
3
0
100
200
300
500
400
45
6
(Topt=25˚C)
VOL (V)
0
0.2
0.4
0
10
5
15
20
30
25
0.6
0.8
1.0
(Topt=25˚C)
VDD=3V
VDD=5V
7.8 Oscillation Start Time vs. Supply Voltage
7.9 VOL vs. IOL
(INTRA, INTRB, INTRC Pin)
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
VOL (V)
VDD=5V
VDD=3V
(Topt=25˚C)
7.10 VOL vs. IOL
(32KOUT Pin)


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com