Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 39 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 39 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 35Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 36Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 37Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 38Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 39Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 40Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 41Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 42Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 43Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39
RV5C387A
4.1 Alarm Interrupt
The alarm circuit is controlled by the enable bits (i.e. the WALE and DALE bits in the control register 1) and the
flag bits (i.e. the WAFG and DAFG bits in the control register 2). The enable bits can be used to enable this circuit
when set to 1 and to disable it when set to 0. When intended for reading, the flag bits can be used to monitor alarm
interrupt signals. When intended for writing, the flag bits will cause no event when set to 1 and will drive high
(disable) the alarm circuit when set to 0.
The enable bits will not be affected even when the flag bits are set to 0. In this event, therefore, the alarm circuit will
continue to function until it is driven low (enabled) upon the next occurrence of a match between current time and
preset alarm time.
The alarm function can be set by presetting desired alarm time in the alarm registers (the Alarm_W registers for the
day-of-week digit settings and both the Alarm_W registers and the Alarm_D registers for the hour and minute digit
settings) with the WALE and DALE bits once set to 0 and then to 1 in the control register 1. Note that the WALE
and DALE bits should be once set to 0 in order to disable the alarm circuit upon the coincidental occurrence of a
match between current time and preset alarm time in the process of setting the alarm function.
Interval (1 minute) during which
a match between current time
and preset alarm time occurs
INTRB or INTRC pin
INTRB or INTRC pin
Setting WALE
and DALE
bit to 1
Match between
current time and
preset alarm time
in the day-of-week
and hour settings
Match between
current time and
preset alarm time
in the day-of- week
and hour settings
Match between
current time and
preset alarm time
in the day-of- week
and hour settings
Setting WALE
and DALE
bit to 0
Setting WALE
and DALE
bit to 1
Match between
current time and
preset alarm time
in the day-of-week
and hour settings
Setting WAFG
and DAFG
bit to 0
Setting WALE
and DALE
bit to 1
Setting WALE
and DALE
bit to 0
MAX.61.1
µs


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com