Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 33 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 33 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 29Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 30Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 31Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 32Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 33Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 34Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 35Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 36Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 37Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33
RV5C387A
Course (A)
When the time count precision of each real-time clock is not to be adjusted, the crystal oscillator intended for use
with that real-time clock may have any CL value requiring no presetting. The crystal oscillator may be subject to
frequency variations which are selectable within the allowable range of time count precision. Several crystal
oscillators and real-time clocks should be used to find the center frequency of the crystal oscillators by the method
described in “2.2 Measurement of Oscillation Frequency” and then calculate an appropriate oscillation adjustment
value by the method described in “2.4 Oscillation Adjustment Circuit” for writing this value to the RV5C387A.
Course (B)
When the time count precision of each real-time clock is to be adjusted within the oscillation frequency variations of
the crystal oscillator plus the frequency variations of the real-time clock ICs, it becomes necessary to correct
deviations in the time count of each real-time clock by the method described in “2.4 Oscillation Adjustment Circuit”.
Such oscillation adjustment provides crystal oscillators with a wider range of allowable settings of their oscillation
frequency variations and their CL values. The real-time clock IC and the crystal oscillator intended for use with that
real-time clock IC should be used to find the center frequency of the crystal oscillator by the method described in
“2.2 Measurement of Oscillation Frequency” and then confirm the center frequency thus found to fall within the
range adjustable by the oscillation adjustment circuit before adjusting the oscillation frequency of the oscillation
circuit. At normal temperature, the oscillation frequency of the oscillator circuit can be adjusted by up to
approximately ±1.5ppm.
Course (C)
Course (C) together with Course (D) requires adjusting the time count precision of each real-time clock as well as
the frequency of 32.768-kHz clock pulses output from the 32KOUT pin. Normally, the oscillation frequency of the
crystal oscillator intended for use with the real-time clocks should be adjusted by adjusting the oscillation stabilizing
capacitors CG and CD connected to both ends of the crystal oscillator. The RV5C387A, which incorporates the CG
and the CD, require adjusting the oscillation frequency of the crystal oscillator through its CL value.
Generally, the relationship between the CL value and the CG and CD values can be represented by the following
equation:
CL =
CG
× CD
+ CS
where “CS” represents the floating capacity of the printed circuit board
CG + CD
The crystal oscillator intended for use with the RV5C387A is recommended to have the CL value on the order of 6 to
8pF. Its oscillation frequency should be measured by the method described in “2.2 Measurement of Oscillation
Frequency”. Any crystal oscillator found to have an excessively high or low oscillation frequency (causing a time
count gain or loss, respectively) should be replaced with another one having a smaller and greater CL value,
respectively until another one having an optimum CL value is selected. In this case, the bit settings disabling the
oscillation adjustment circuit (see “2.4 Oscillation Adjustment Circuit”) should be written to the oscillation
adjustment register.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com