Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 31 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 31 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 27Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 28Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 29Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 30Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 31Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 32Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 33Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 34Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 35Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
31
RV5C387A
2. Configuration of Oscillation Circuit and Correction of Time Count Deviations
2.1 Configuration of Oscillating Circuit
Typical externally-equipped element
X'tal: 32.768kHz
(R1=30k
Ω TYP.)
(CL=6pF to 8pF)
Standard values of internal elements
RF=15M
Ω TYP.
RD=120k
Ω TYP.
CG, CD=12pF TYP.
The oscillation circuit is driven at a constant voltage of approximately 1.2 volts relative to the level of the VSS pin
input. As such, it is configured to generate an oscillating waveform with a peak-to-peak voltage on the order of 1.2
volts on the positive side of the VSS pin input.
Considerations in Handling Crystal Oscillators
Generally, crystal oscillators have basic characteristics including an equivalent series resistance (R1)
indicating the ease of their oscillation and a load capacitance (CL) indicating the degree of their center
frequency. Particularly, crystal oscillators intended for use with the RV5C387A are recommended to have a
typical R1 value of 30k
Ω and a typical CL value of 6 to 8pF. To confirm these recommended values, contact
the manufacturers of crystal oscillators intended for use with these particular models.
Considerations in Installing Components around the Oscillation Circuit
1) Install the crystal oscillator in the closest possible vicinity to the real-time clock ICs.
2) Avoid laying any signal lines or power lines in the vicinity of the oscillation circuit (particularly in the area
marked “
←A→” in the above figure).
3) Apply the highest possible insulation resistance between the OSCIN and OSCOUT pins and the printed
circuit board.
4) Avoid using any long parallel lines to wire the OSCIN and OSCOUT pins.
5) Take extreme care not to cause condensation, which leads to various problems such as oscillation halt.
Other Relevant Considerations
1) For external input of 32.768-kHz clock pulses to the OSCIN pin:
DC coupling: Prohibited due to an input level mismatch.
AC coupling: Permissible except that the oscillation halt sensing circuit does not guarantee perfect
operation because it may cause sensing errors due to such factors as noise.
2) To maintain stable characteristics of the crystal oscillator, avoid driving any other IC through 32.768-kHz
clock pulses output from the OSCOUT pin.
RV5C387A
RF
RD
CD
CG
OSCIN
OSCOUT
32kHz
VDD
10
9
8
VDD
A


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com