Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 30 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 30 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 26Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 27Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 28Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 29Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 30Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 31Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 32Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 33Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 34Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
RV5C387A
30
1.2-6 Data transmission under special condition
The RV5C387A holds the clock tentatively for duration from start condition to stop condition to avoid invalid read or
write clock on carrying clock. When clock is carried during this period, which will be adjusted within approx. 61µs
from stop condition. To prevent invalid read or write clock shall be made during one transmission operation (from
start condition to stop condition). When 0.5 to 1.0 second elapses after start condition any access to the RV5C387A
is automatically released to release tentative hold of the clock, set Fh to the address pointer, and access from the
CPU is forced to be terminated (the same action as made stop condition is received: automatic resume function from
the I
2C bus interface). Therefore, one access must be completed within 0.5 seconds. The automatic resume
function prevents delay in clock even if the SCL is stopped from sudden failure of the system during clock read
operation.
Also a second start condition after the first condition and before the stop condition is regarded as the “repeated start
condition.” Therefore, when 0.5 to 1.0 seconds passed after the first start condition, access to the RV5C387A is
automatically released.
If access is tried after automatic resume function is activated, no acknowledge signal will be output for writing while
FFh will be output for reading.
Access to the Real-time Clock
1) No stop condition shall be generated until clock read/write is started and completed.
2) One cycle read/write operation shall be completed within 0.5 seconds.
3) Do not make Start Condition within 61µs from Stop Condition. When clock is carried during the access,
which will be adjusted within approx. 61µs from Stop Condition.
The user shall always be able to access the real-time clock as long as these three conditions are met.
Bad example of reading from seconds to hours (invalid read)
(Start condition)
→ (Read of seconds) → (Read of minutes) → (Stop condition) → (Start condition) → (Read
of hour)
→ (Stop condition)
Assuming read was started at 05:59:59 P.M. and while reading seconds and minutes the time advanced to
06:00:00 P.M. At this time second digit is hold so the read as 05:59:59. Then the RV5C387A confirms (Stop
condition) and carries second digit being hold and the time changes to 06:00:00 P.M. Then, when the hour
digit is read, it changes to 6. The wrong results of 06:59:59 will be read.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com