Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 3 Page - RICOH electronics devices division

  RV5C387A_03 Datasheet HTML 1Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 2Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 3Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 4Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 5Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 6Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 7Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 8Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
3
RV5C387A
PIN DESCRIPTIONS
Pin No. Symbol
Item
Description
2
SCL
Serial Clock Line
This pin is used to input shift clock pulses to synchronize data input/output to and
from the SDA pin with this clock. Allows a maximum input voltage of 5.5 volts
regardless of supply voltage.
3
SDA
Serial Data Line
This pin inputs and outputs written or read data in synchronization with shift clock
pulses from the SCL pin. Allows a maximum input voltage of 5.5 volts regardless
of supply voltage.
6INTRA
Interrupt Output A
This pin outputs periodic interrupt pulses to the CPU. This pin is off when power
is activated from 0V. This pin functions as an Nch open drain output.
7
INTRB
Interrupt Output B
This pin outputs alarm interrupt (ALARM_W) to the CPU. This pin is off when
power is activated from 0V. This pin functions as an Nch open drain output.
4
INTRC
Interrupt Output C
This pin outputs alarm interrupt (ALARM_D) to the CPU. This pin is off when
power is activated from 0V. This pin functions as an Nch open drain output.
1
32KOUT
32-kHz Clock Output
The 32KOUT pin is used to output 32.768-kHz clock pulses. Enabled at power-on
from 0 volts. Nch. open drain output. The RV5C387A is designed to be disable 32-
kHz clock output in response to a command from the host computer.
The OSCIN and OSCOUT pins are used to connect the 32.768-kHz crystal
oscillator (with all other oscillation circuit components built into the RV5C387A).
The VDD pin is connected to the power supply. The VSS pin is grounded.
9
OSCIN
Oscillatory Circuit
8
OSCOUT
Input/Output
10
VDD
Positive Power Supply Input
5
VSS
Negative Power Supply Input


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com