Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 25 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 25 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 21Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 22Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 23Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 24Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 25Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 26Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 27Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 28Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 29Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
25
RV5C387A
1.2-3 Data transmission format in I
2C bus
I
2C bus generates no CE signals. In place of it each device has a 7bit slave address allocated. The first 1byte is
allocated to this 7bit of slave address and to the command (R/W) for which data transmission direction is
designated by the data transmission thereafter. 7bit address is sequentially transmitted from the MSB and 2 and
after bytes are read, when 8bit is “H” and write when “L”.
The slave address of the RV5C387A is specified at (0110010).
At the end of data transmission/receiving stop condition is generated to complete transmission. However, if start
condition is generated without generating stop condition, repeated start condition is met and transmission/receiving
data may be continued by setting the slave address again. Use this procedures when the transmission direction
needs to be changed during one transmission.
S
Master to slave
Start condition
P
Slave to master
Stop condition
Sr Repeated start condition
AA
Acknowledge signal
A
S0 A
A
A P
R/W=0 (Write)
(0110010)
Data is written into
the slave from the master
When data is read from
the slave immediately
after 7bit addressing
from the master
When the transmission
direction is to be changed
during transmission.
S1 A
A
P
R/W=1 (Read)
(0110010)
S0 A
A Sr
1
R/W=0 (Write)
(0110010)
R/W=1 (Read)
(0110010)
AA
P
Inform read has been completed by
not generating an acknowledge signal, to the slave side.
Inform read has been completed by
not generating an acknowledge signal,
to the slave side.
A
A
Slave address
Slave address
Slave address
Slave address
Data
Data
Data
Data
Data
Data
Data


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com