Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 24 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 24 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 20Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 21Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 22Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 23Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 24Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 25Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 26Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 27Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 28Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
RV5C387A
24
1.2 Transmission System of I
2C bus
1.2-1 Start and stop conditions
In I
2C bus, SDA must be kept at a certain state while SCL is at the “H” state as shown below during data
transmission.
tHDL;DAT or tHDH;DAT
tSU;DAT
SDA
SCL
The SCL and SDA pins are at the “H” level when no data transmission is made. Changing the SDA from “H” to “L”
when the SCL is “H” activates the start condition and access is started. Changing the SDA from “L” to “H” when the
SCL is “H” activates stop condition and accessing stopped. Generation of start and stop conditions are always made
by the master (see the figure below).
Stop condition
tSU;STO
tHD;STA
Start condition
SDA
SCL
1.2-2 Data transmission and its acknowledge
After start condition is entered, data is transmitted by 1byte (8bits). Any bytes of data may be serially transmitted.
The receiving side will send an acknowledge signal to the transmission side each time 8bit data is transmitted.
The acknowledge signal is sent immediately after falling to “L” of SCL8bit clock pulses of data transmission, by
releasing the SDA by the transmission side that has asserted the bus at that time and by turning the SDA to “L” by
the receiving side. When transmission of 1byte data next to preceding 1byte of data is received the receiving side
releases the SDA pin at falling edge of the SCL9bit of clock pulses or when the receiving side switches to the
transmission side it starts data transmission. When the master is the receiving side, it generates no acknowledge
signal after the last 1byte of data from the slave to tell the transmitter that data transmission has completed when
the slave side (transmission side) continues to release the SDA pin so that the master will be able to generate stop
condition.
12
89
Acknowledge signal
Start condition
SCL from the master
SDA from
the transmission side
SDA from
the receiving side


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com