Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 17Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 18Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 19Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 20Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 21Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 22Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 23Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 24Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
21
RV5C387A
Day-of-week
12-hour mode
24-hour mode
Preset alarm time
Sun. Mon. Tue. Wed. Thu.
Fri.
Sat.
10-hour 1-hour 10-min 1-min 10-hour 1-hour 10-min 1-min
WW0 WW1 WW2 WW3 WW4 WW5 WW6
00:00 a.m. on all days
1
1
1111112000000
01:30 a.m. on all days
1
1
1111101300130
11:59 a.m. on all days
1
1
1111111591159
00:00 p.m. on
011111032001200
Mondays to Fridays
01:30 p.m. on Sundays
1
0
0000021301330
11:59 p.m. on Mondays,
010101031592359
Wednesdays, and Fridays
Note that the correspondence between WW0 to WW6 and the days of the week shown in the above table is only an
example and not mandatory.
D7
D6
D5
D4
D3
D2
D1
D0
—DM40
DM20
DM10
DM8
DM4
DM2
DM1
0DM40
DM20
DM10
DM8
DM4
DM2
DM1
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.8-1 Alarm_D Minute Register (at Address Bh)
D7
D6
D5
D4
D3
D2
D1
D0
——
DH20,DP/A
DH10
DH8
DH4
DH2
DH1
00
DH20,DP/A
DH10
DH8
DH4
DH2
DH1
00
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.8-2 Alarm_D Hour Register (at Address Ch)
2.8 Alarm_D Registers (at Addresses Bh to Ch)
*) Default settings: Default value means read/written values when the XSTP bit is set to “1” due to power-on from 0 volts or supply voltage drop.
· The D5 bit represents DP/A when the 12-hour mode is selected (0 for a.m. and 1 for p.m.). and DH20 when the 24-
hour mode is selected (tens in the hour digits).
· The Alarm_D registers should not have any non-existent alarm time settings. (Note that any mismatch between
current time and preset alarm time specified by the Alarm_D registers may disable the alarm circuit.)
· When the 12-hour mode is selected, the hour digits read 12 and 32 for 0 a.m. and 0 p.m., respectively (see “2.1-2
12/24: 12-/24-hour Mode Selection Bit”).
Example of Alarm Time Setting


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com