Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 20 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 20 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 16Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 17Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 18Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 19Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 20Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 21Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 22Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 23Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 24Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
RV5C387A
20
2.7 Alarm_W Registers (at Addresses 8h to Ah)
D7
D6
D5
D4
D3
D2
D1
D0
—WM40
WM20
WM10
WM8
WM4
WM2
WM1
0WM40
WM20
WM10
WM8
WM4
WM2
WM1
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.7-1 Alarm_W Minute Register (at Address 8h)
D7
D6
D5
D4
D3
D2
D1
D0
——
WH20,WP/A
WH10
WH8
WH4
WH2
WH1
00
WH20,WP/A
WH10
WH8
WH4
WH2
WH1
00
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.7-2 Alarm_W Hour Register (at Address 9h)
D7
D6
D5
D4
D3
D2
D1
D0
—WW6
WW5
WW4
WW3
WW2
WW1
WW0
0WW6
WW5
WW4
WW3
WW2
WW1
WW0
0
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
Indefinite
(For writing)
(For reading)
Default settings*
2.7-3 Alarm_W Day-of-week Register (at Address Ah)
· The D5 bit of the Alarm_W hour register represents WP/A when the 12-hour mode is selected (0 for a.m. and 1
for p.m.). and WH20 when the 24-hour mode is selected (tens in the hour digits).
· The Alarm_W registers should not have any non-existent alarm time settings. (Note that any mismatch between
current time and preset alarm time specified by the Alarm_W registers may disable the alarm circuit.)
· When the 12-hour mode is selected, the hour digits read 12 and 32 for 0 a.m. and 0 p.m., respectively (see “2.1-2
12/24: 12-/24-hour Mode Selection Bit”).
·WW0 to WW6 correspond to W4, W2, and W1 of the day-of-week counter with settings ranging from (0, 0, 0) to (1,
1, 0).
·WW0 to WW6 with respective settings of 0 disable the outputs of the Alarm_W registers.
*) Default settings: Default value means read/written values when the XSTP bit is set to “1” due to power-on from 0 volts or supply voltage drop.
An increase of two clock pulses once per 20 seconds causes a time count loss of approximately 3ppm (2 / (32768
×
20=3.051ppm). Conversely, a decrease of two clock pulses once per 20 seconds causes a time count gain of 3ppm.
Consequently, deviations in time counts can be corrected with a precision of ±1.5ppm. Note that the oscillation
adjustment circuit is configured to correct deviations in time counts and not the oscillation frequency of the 32.768-
kHz clock pulses. For further details, see “USAGE, 2.4 Oscillation Adjustment Circuit”.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com