Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 2 Page - RICOH electronics devices division

  RV5C387A_03 Datasheet HTML 1Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 2Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 3Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 4Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 5Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 6Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 7Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 8Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
RV5C387A
2
BLOCK DIAGRAM
COMPARATOR_W
ALARM_W REGISTER
(MIN,HOUR,WEEK)
ALARM_D REGISTER
(MIN,HOUR)
COMPARATOR_D
TIME COUNTER
(SEC,MIN,HOUR,WEEK,DAY,MONTH,YEAR)
ADDRESS
REGISTER
ADDRESS
DECODER
SHIFT REGISTER
INTERRUPT CONTROL
32kHz
OUTPUT
CONTROL
DIVIDER
CORREC
-TION
DIV
OSC
OSCIN
32KOUT
OSCOUT
OSC
DETECT
I/O
CONTROL
VSS
SCL
SDA
VDD
INTRB
INTRC
INTRA
VOLTAGE
DETECT
32KOUT
1
SCL
2
SDA
3
VSS
INTRC
VDD
OSCIN
OSCOUT
INTRB
INTRA
4
5
8
9
10
7
6
• 10-pin SSOP-G
APPLICATIONS
• Communication devices (multi function phone, portable phone, PHS or pager)
• OA devices (fax, portable fax)
• Computer (desk-top and mobile PC, portable word-processor, PDA, electric note or video game)
• AV components (portable audio unit, video camera,camera, digital camera or remote controller)
• Home appliances (rice cooker, electric oven)
• Other (car navigation system, multi-function watch)
Note
· I
2C bus is a trademark of PHILIPS ELECTRONICS N.V.
· Purchase of I
2C components of Ricoh Company, Ltd. conveys a license under the Philips I2C Patent Rights to
use these components in an I
2C system, provided that the system comforms to the I2C Standard
Specification as defined by Philips.
PIN CONFIGURATION


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com