Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 16 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 16 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 12Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 13Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 14Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 15Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 16Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 17Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 18Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 19Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 20Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
RV5C387A
16
WAFG, DAFG
Description
0
Indicating a mismatch between current time and preset alarm time
1
Indicating a match between current time and preset alarm time
2.2-7 WAFG and DAFG
Alarm_W Flag Bit and Alarm_D Flag Bit
(Default setting)
The WAFG and DAFG bits are valid only when the WALE and DALE bits have the setting of 1, which is caused
approximately 61µs after any match between current time and preset alarm time specified by the Alarm_W registers
and the Alarm_D registers. The WAFG and DAFG bits accept only the writing of 0, which disables (“H”) the INTRB
or INTRC pin until it is enabled (“L”) again at the next preset alarm time. Conversely, setting the WAFG and DAFG
bits to 1 causes no event. The WAFG and DAFG bits will have the reading of 0 when the alarm interrupt circuit is
disabled with the WALE and DALE bits set to 0. The settings of the WAFG and DAFG bits are synchronized with
the output of the INTRB and INTRC pins as shown in the timing chart below.
Output Relationships Between the WAFG or DAFG Bit and INTRB, INTRC
Writing of 0 to WAFG
(DAFG) bit
Writing of 0 to WAFG
(DAFG) bit
(Match between current time
and preset alarm time)
(Match between current time
and preset alarm time)
(Match between current time
and preset alarm time)
Settings of WAFG (DAFG) bit
Output of INTRB (INTRC) pin
Approx.61
µs
Approx.61
µs
CTFG
Description
0
Periodic interrupt output “H” (OFF)
1
Periodic interrupt output “L” (ON)
2.2-6 CTFG
Periodic Interrupt Flag Bit
(Default setting)
The CTFG bit is set to 1 when the periodic interrupt signals are output from the INTRA pin (“L”). The CTFG bit
accepts only the writing of 0 in the level mode, which disables (“H”) the INTRA pin until it is enabled (“L”) again in
the next interrupt cycle. Conversely, setting the CTFG bit to 1 causes no event.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com