Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 15 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 15 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 11Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 12Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 13Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 14Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 15Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 16Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 17Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 18Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 19Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
15
RV5C387A
2.2-4 XSTP
Oscillation Halt Sensing Bit
The XSTP bit is for sensing a halt in the oscillation of the crystal oscillator. The oscillation halt sensing circuit
operates only when the CE pin is “L”.
· The XSTP bit will be set to 1 once a halt in the oscillation of the crystal oscillator is caused by such events as
power-on from 0 volts and a drop in supply voltage. The XSTP bit will hold the setting of 1 even after the restart of
oscillation. As such, the XSTP bit can be applied to judge the validity of clock and calendar data after power-on or
a drop in supply voltage.
· When the XSTP bit is set to 1, all bits will be reset to 0 in the oscillation adjustment register, control register 1,
and control register 2, stopping the output from the INTRA, INTRB, INTRC pin and starting the output of 32.768-
kHz clock pulses from the 32KOUT pin.
· The XSTP bit accepts only the writing of 0, which restarts the oscillation halt sensing circuit. Conversely, setting
the XSTP bit to 1 causes no event.
XSTP
Description
0
Sensing a normal condition of oscillation
1
Sensing a halt of oscillation
(Default setting)
CLEN1
Description
0
Enabling the 32-kHz clock output
1
Disabling the 32-kHz clock output
2.2-5 CLEN1
32-kHz Clock Output Bit 1
(Default setting)
Setting the CLEN1 bit or the CLEN2 bit (D4 in control register 1) to 0, specifies generating clock pulses with the
oscillation frequency of the 32.768-kHz crystal oscillator for output from the 32KOUT pin. Conversely, setting both
the CLEN1 bit and the CLEN2 bit to 1 specifies disabling (“L”) such output.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com