Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 9Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 10Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 11Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 12Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 13Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 14Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 15Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 16Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13
RV5C387A
Relation Between the Mode Waveform and the CTFG Bit
• Pulse mode
Approx. 92
µs
CTFG bit
INTRA pin
(Increment of second counter)
Rewriting of the second counter
• Level mode
Setting CTFG bit to 0
(Increment of
second counter)
(Increment of
second counter)
(Increment of
second counter)
CTFG bit
INTRA pin
Setting CTFG bit to 0
*) In the pulse mode, the increment of the second counter is delayed by approximately 92µs from the falling edge of clock pulses. Consequently, time
readings immediately after the falling edge of clock pulses may appear to lag behind the time counts of the real-time clocks by approximately 1 second.
Rewriting the second counter will reset the other time counters of less than 1 second, driving the INTRA pin low.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com