Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 12 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 12 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 8Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 9Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 10Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 11Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 12Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 13Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 14Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 15Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 16Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
RV5C387A
12
2.1-5 CT2, CT1, and CT0
Periodic Interrupt Selection Bits
CT2
CT1
CT0
Description
Waveform Mode
Interrupt Cycle and Fall Timing
00
0—
Off (“H”)
00
1—
Fixed at low (“L”)
01
0
Pulse Mode
2Hz (Duty cycle of 50%)
01
1
Pulse Mode
1Hz (Duty cycle of 50%)
10
0
Level Mode
Once per 1 second (Synchronized with second counter increment)
10
1
Level Mode
Once per minute (at 00 seconds of every minute)
11
0
Level Mode
Once per hour (at 00 minutes and 00 seconds of every hour)
11
1
Level Mode
Once per month (at 00 hours, 00 minutes, and 00 seconds of first day of every month)
(Default setting)
1) Pulse Mode: 2-Hz and 1-Hz clock pulses are output in synchronization with the increment of the second counter
as illustrated in the timing chart on the next page.
2) Level Mode: periodic interrupt signals are output with selectable interrupt cycle settings of 1 second, 1 minute,
1 hour, and 1 month. The increment of the second counter is synchronized with the falling edge of
periodic interrupt signals. For example, periodic interrupt signals with an interrupt cycle setting
of 1 second are output in synchronization with the increment of the second counter as illustrated
in the timing chart on the next page.
3) When the oscillation adjustment circuit is used, the interrupt cycle will fluctuate once per 20 seconds as follows:
Pulse Mode: the “L” period of output pulses will increment or decrement by a maximum of ±3.784ms.
For example, 1-Hz clock pulses will have a duty cycle of 50 ±0.3784%.
Level Mode: a periodic interrupt cycle of 1 second will increment or decrement by a maximum of ±3.784ms.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com