Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RV5C387A Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RV5C387A
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RV5C387A Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RV5C387A_03 Datasheet HTML 7Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 8Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 9Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 10Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 11Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 12Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 13Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 14Page - RICOH electronics devices division RV5C387A_03 Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11
RV5C387A
TEST
Description
0
Normal operation mode
1
Test mode
2.1-4 TEST
Test Bit
(Default setting)
The TEST bit is used only for testing in the factory and should normally be set to 0.
2.1-3 CLEN2
32-kHz Clock Output Bit 2
CLEN2
Description
0
Enabling the 32-kHz clock circuit
1
Disabling the 32-kHz clock circuit
(Default setting)
For the RV5C387A, setting the CLEN2 bit or the CLEN1 bit (D3 in the control register 2) to 0, specifies generating
clock pulses with the oscillation frequency of the 32.768-kHz crystal oscillator for output from the 32KOUT pin.
Conversely, setting both the CLEN1 and the CLEN2 bit to 1 specifies disabling (“H”) such output.


Similar Part No. - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C387A-E2 RICOH-RV5C387A-E2 Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
More results

Similar Description - RV5C387A_03

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A Datasheet
363Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function?
RS5C372B-E2-F RICOH-RS5C372B-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C386A RICOH-RV5C386A Datasheet
362Kb / 42P
   I2C-bus Real-Time Clock ICs with Voltage Monitoring Function
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com