Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT7802 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74ACT7802
Description  1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7802 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ACT7802_06 Datasheet HTML 6Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 7Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 8Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 9Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 10Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 11Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 12Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 13Page - Texas Instruments SN74ACT7802_06 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN74ACT7802
1024
× 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS187D – AUGUST 1990 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
CL – Load Capacitance – pF
0
50
100
150
200
250
300
VCC = 5 V
RL = 500 Ω
TA = 25°C
typ + 8
typ + 6
typ + 4
typ + 2
typ
typ – 2
Figure 4
typ
typ – 1
typ – 2
typ – 3
4.5
4.6
4.7
4.8
4.9
5
5.1
typ + 1
typ + 2
POWER DISSIPATION CAPACITANCE
vs
SUPPLY VOLTAGE
typ + 3
5.2
5.3
5.4
5.5
f = 5 MHz
TA = 25°C
CL = 50 pF
VCC – Supply Voltage – V


Similar Part No. - SN74ACT7802_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7802FN TI-SN74ACT7802FN Datasheet
156Kb / 12P
1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802PN TI-SN74ACT7802PN Datasheet
156Kb / 12P
1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT7802_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7811 TI-SN74ACT7811 Datasheet
222Kb / 17P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI-SN74ACT7881 Datasheet
195Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com