Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4703 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4703
Description  Broadcast FM Radio Tuner for Portable Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4703 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4703 Datasheet HTML 1Page - Silicon Laboratories SI4703 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM Tuner
Copyright © 2006 by Silicon Laboratories
8.10.06
VIO
I
ADC
Q
ADC
Si4702/03
DSP
FILTER
DEMOD
MPX
AUDIO
SCLK
SDIO
SEN
DAC
DAC
ROUT
LOUT
0 / 90
LOW-IF
RSSI
TUNE
GPIO
GPIO
RST
RFGND
LNA
FMIP
AFC
AGC
PGA
RCLK
REG
VA
VD
32.768 kHz
2.7–5.5 V
Headphone
Cable
RDS
(Si4703)
XTAL
OSC
Si4702/03
Broadcast FM Radio Tuner for Portable Applications
Description
The Si4702/03 extends Silicon Laboratories Si4700 FM tuner
family, and further increases the ease and attractiveness of
adding FM radio reception to mobile devices through small size
and
board
area,
minimum
component
count,
flexible
programmability, and superior, proven performance. Si4702/03
software is backwards compatible to existing Si4700/01 FM tuner
designs and leverages Silicon Laboratories' highly successful
and patented Si4700/01 FM tuner. The Si4702/03 benefits from
proven digital integration and 100% CMOS process technology,
resulting in a completely integrated solution. It is the industry's
smallest footprint FM tuner IC requiring only 10 mm2 board
space and one external bypass capacitor.
The device offers significant programmability. It can be adapted
to subjective listening requirements, and it allows adjustability in
important parameters such as seek/tune, allowing the Si4702/03
to outperform other solutions by finding more valid stations and
not stopping on frequencies that do not have a radio station.
The Si4703 incorporates a digital processor for the European
Radio Data System (RDS) and the US Radio Broadcast Data
System (RBDS) including all required symbol decoding, block
synchronization, error detection, and error correction functions.
RDS enables data such as station identification and song name
to be displayed to the user. The Si4703 offers a detailed RDS
view and a standard view, allowing adopters to selectively
choose granularity of RDS status, data, and block errors. Si4703
software is backwards compatible to the proven Si4701, adopted
by leading cell-phone and MP3 manufacturers world-wide.
The Si4702/03 is based on the superior, proven performance of
Silicon Laboratories' Aero architecture offering unmatched
interference rejection and leading sensitivity. The device uses
the same programming interface as the Si4700/01 and supports
multiple bus-modes. Power management is also simplified with
an integrated regulator allowing direct connection to a 2.7 to
5.5 V battery.
The Si4702/03 device’s high level of integration and complete
FM
system
production
testing
increases
quality
to
manufacturers, improves device yields, and simplifies device
manufacturing and final testing.
Features
- Worldwide FM band support (76–108 MHz)
- 3x3 mm 20-pin QFN package
- Pb-free/RoHS compliant
- Digital low-IF receiver
- Frequency synthesizer with integrated VCO
- Seek tuning
- Automatic frequency control (AFC)
- Automatic gain control (AGC)
- Excellent overload immunity
- Signal strength measurement
- Programmable de-emphasis (50/75 µs)
- Adaptive noise suppression
- Volume control
- Line-level analog output
- 32.768 kHz reference clock
- RDS/RBDS processor (Si4703 only)
- 2-wire and 3-wire control interface
- 2.7 to 5.5 V supply voltage
- Integrated LDO regulator allows direct connection
to battery
Applications
- Cellular handsets
- MP3 players
- PDAs, Notebook PCs
- Portable radios
- Portable navigation
- Automobile applications
- Consumer electronics
- USB FM radios


Similar Part No. - SI4703

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4703 SILABS-SI4703 Datasheet
1Mb / 42P
Device initialization sequence and busmode selection
SI4703 SILABS-SI4703 Datasheet
999Kb / 2P
EVALUATION BOARD QUICK-START GUIDE
SI4703 SILABS-SI4703 Datasheet
1Mb / 16P
Describe the high-level differences between RDS and RBDS
SI4703 SILABS-SI4703 Datasheet
3Mb / 302P
Si47XX PROGRAMMING GUIDE
SI4703 SILABS-SI4703 Datasheet
1Mb / 69P
Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results

Similar Description - SI4703

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
SI4708 SILABS-SI4708 Datasheet
997Kb / 3P
Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4708-C SKYWORKS-SI4708-C Datasheet
412Kb / 39P
BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.6 to Revision 1.0
logo
Silicon Laboratories
SI4700 SILABS-SI4700 Datasheet
154Kb / 2P
Broadcast FM Radio Tuner for Portable Applications
logo
Silicon image
SI4703-C19-GM SILICONIMAGE-SI4703-C19-GM Datasheet
203Kb / 2P
Broadcast FM Radio Tuner for Portable Applications
logo
Silicon Laboratories
SI4703-C19-GM SILABS-SI4703-C19-GM Datasheet
203Kb / 2P
Broadcast FM Radio Tuner for Portable Applications
logo
Skyworks Solutions Inc.
SI4702-C19 SKYWORKS-SI4702-C19 Datasheet
449Kb / 44P
BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
Revision 0.8 to Revision 0.9
logo
Silicon Laboratories
SI4720-B20-GMR SILABS-SI4720-B20-GMR Datasheet
1Mb / 48P
BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
SI4720 SILABS-SI4720 Datasheet
198Kb / 2P
Broadcast FM Radio Transceiver for Portable Applications
SI4720-B20 SILABS-SI4720-B20 Datasheet
1Mb / 48P
BROADCAST FM RADIO TRANSCEIVER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com