Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS12036 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PS12036
Description  Acoustic noise-less 2.2kW/400V AC Class 3 phase inverters, motor control
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PS12036 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PS12036 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PS12036 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PS12036 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PS12036 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PS12036 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUBISHI SEMICONDUCTOR <Application Specific Intelligent Power Module>
PS12036
FLAT-BASE TYPE
INSULATED TYPE
Mar. 2002
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, VD = 15V, VDB = 15V unless otherwise noted)
(Note 3) : The dead-time has to be set externally by the CPU; it is not part of the ASIPM internal functions.
(Note 4) : Fault output signaling is given only when the internal OC, SC, & UV protection circuits are activated.
The OC, SC and UV protection (and fault output) operate for the lower arms only. The OC and SC protection Fault output is given
in a pulse format while that of UV protection is maintained throughout the duration of the under-voltage condition.
Tj = 25
°C, VD = 15V, Vin = 5V
Tj = 25
°C, VD = VDB = 15V, Vin = 5V
Applied between input terminal-Inside power supply
TC
≤ 100°C, Tj ≤ 125°C
Relates to corresponding inputs
TC = –20
°C ~ +100°C
(Note 3)
Relates to corresponding input (Fig. 6)
IC = IOP(100%)
VD = 15V
IC = IOP(200%)
Tj = 25
°C (Fig. 4)
IC = IOP(250%)
VD = 15V
IC = 0A
(Fig. 4)
Tj = 25
°C
(Fig. 5)
Tj = 25
°C
(Fig. 5)
Tj = 25
°C
(Fig. 5)
Tj = 25
°C
(Fig. 5)
–20
°C ~ 100°C
TC = Tj = 25
°C
Tj = 25
°C
(Note 4)
Open drain output
(Note 4)
Tc = 25
°C
Resistance at 25
°C, 50°C
Circuit current
Circuit current
Input on threshold voltage
Input off threshold voltage
Input pull-up resistor
PWM input frequency
Input interlock sensing
Inverter DC-Link IGBT current sense voltage
output signal
Inverter DC-Link IGBT current sense voltage
output limit
Over current trip level
Over current delay time
Short circuit trip level
Short circuit delay time
VD UV trip level
VD UV reset level
VDB UV trip level
VDB UV reset level
UV delay time
Fault output pulse width
Fault output current
Thermistor Resistance
Thermistor B constant
Condition
Symbol
Item
Ratings
ID
IDB
Vth(on)
Vth(off)
Ri
fPWM
tdead
tint
Vamp(100%)
Vamp(200%)
Vamp(250%)
Vamp(0)
OC
tOC
SC
tSC
UVD
UVDr
UVDB
UVDBr
tdV
tFO
IFo(H)
IFo(L)
RTH
B
Min.
mA
mA
V
V
k
kHz
µs
ns
V
V
V
mV
A
µs
A
µs
V
V
V
V
µs
ms
µA
mA
k
K
Typ.
Max.
0.8
2.5
4.0
1.5
3.0
5.0
23.3
11.0
11.5
10.1
10.6
1.0
9.5
1.4
3.0
50
10
100
2.0
4.0
50
28.3
10
42.45
2
12.0
12.5
10.8
11.3
10
1.8
10
3450
50
5
2.0
4.0
15
2.5
5.0
100
12.75
13.25
11.6
12.1
1
15
10.5
Unit
Supply circuit under
voltage protection
RECOMMENDED OPERATING CONDITIONS
V
V
V
V/
µs
V
V
µs
°C
kHz
µs
800
16.5
16.5
+1
0.8
5.0
100
15
13.5
13.5
–1
0
4.0
4.0
1
Applied across P2-N2 terminals
Applied between VD-GND
Applied between CBU+ & CBU–, CBV+ & CBV–, CBW+ & CBW–
Applied between UP • VP • WP • UN • VN • WN and
GND
Relates to corresponding inputs
TC
≤ 100°C, Tj ≤ 125°C
Condition
Symbol
Item
Ratings
VCC
VD
VDB
∆VD, VDB
VCIN(ON)
VCIN(OFF)
tdead
TC
fPWM
tXX
Supply voltage
Supply voltage
Supply voltage
Supply voltage ripple
Input on voltage
Input off voltage
Arm shoot-through blocking time
Module case operating temperature
PWM Input frequency
Allowable input on-pulse width
Min.
Typ.
Max.
600
15.0
15.0
Unit
200
1
2
3
4
5
300
100
0
0
Vamp (200%)
Vamp (100%)
VD = 15V
Tj = 25
°C
Vamp
DC-LINK IGBT Current (%), (IC = IO✕ 2)
(Fig. 4)
INVERTER DC-LINK IGBT CURRENT ANALOGUE
SIGNALING OUTPUT (TYPICAL)
Arm shoot-through blocking time


Similar Part No. - PS12036

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS12036 POWEREX-PS12036 Datasheet
108Kb / 8P
   Intellimod??Module Application Specific IPM (15 Amperes/1200 Volts)
More results

Similar Description - PS12036

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS12038 MITSUBISHI-PS12038 Datasheet
75Kb / 5P
   Acoustic noise-less 3.7kW/400V AC Class 3 phase inverters, motor control applications
PS11016 MITSUBISHI-PS11016 Datasheet
415Kb / 6P
   Acoustic noise-less 2.2kW/AC200V class 3 phase inverter and other motor control applications
PS11036 MITSUBISHI-PS11036 Datasheet
98Kb / 5P
   Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12033 MITSUBISHI-PS12033 Datasheet
75Kb / 5P
   Acoustic noise-less 0.4kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS12034 MITSUBISHI-PS12034 Datasheet
75Kb / 5P
   Acoustic noise-less 0.75kW/400V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
PS11015 MITSUBISHI-PS11015 Datasheet
413Kb / 6P
   Acoustic noise-less 1.5kW/AC200V class 3 phase inverter and other motor control applications
PS12014-A MITSUBISHI-PS12014-A Datasheet
399Kb / 6P
   Acoustic noise-less 0.75kW/AC400V Class 3 Phase inverter and other motor control applications
PS11017 MITSUBISHI-PS11017 Datasheet
411Kb / 6P
   Acoustic noise-less 3.7kW/AC200V class 3 phase inverter and other motor control applications
PS12015-A MITSUBISHI-PS12015-A Datasheet
273Kb / 6P
   Acoustic noise-less 1.5kW/AC400V Class 3 Phase inverter and other motor control applications
PS12017-A MITSUBISHI-PS12017-A Datasheet
402Kb / 6P
   Acoustic noise-less 3.0kW/AC400V Class 3 Phase inverter and other motor control applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com